Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX869L Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX869L
Description  2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX869L Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX869L Datasheet HTML 1Page - Maxim Integrated Products MAX869L Datasheet HTML 2Page - Maxim Integrated Products MAX869L Datasheet HTML 3Page - Maxim Integrated Products MAX869L Datasheet HTML 4Page - Maxim Integrated Products MAX869L Datasheet HTML 5Page - Maxim Integrated Products MAX869L Datasheet HTML 6Page - Maxim Integrated Products MAX869L Datasheet HTML 7Page - Maxim Integrated Products MAX869L Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
_______________Detailed Description
The MAX869L P-channel MOSFET power switch limits
output current to a programmed level. When the output
current passes through the main switch, a smaller cur-
rent also passes through the replica switch (IOUT / 955)
and through RSET (Figure 1). When the voltage on RSET
exceeds the trip voltage of 1.24V, the current-limit error
amplifier regulates the output current to the pro-
grammed current limit, ILIMIT (400mA to 2.4A).
This switch is not bidirectional; therefore, the input volt-
age must be higher than the output voltage.
Setting the Current Limit
The MAX869L features internal current-limiting circuitry
with a maximum programmable value (IMAX) of 2.4A.
For best performance, set the current limit (ILIMIT)
between 0.2 IMAX ≤ ILIMIT ≤ IMAX. This current limit
remains in effect throughout the input supply-voltage
range.
Program the current limit with a resistor (RSET) from
SET to ground (Figure 2) as follows:
ISET = ILIMIT / 955
RSET = 1.24V / ISET = 1,184 / ILIMIT
where ILIMIT is the desired current limit.
2A, Current-Limited, High-Side
P-Channel Switch with Thermal Shutdown
6
_______________________________________________________________________________________
VIN = 5V, IOUT = 1A, CIN = 1µF, COUT = 120µF
A: VON, 5V/div
B: VOUT, 2V/div
*REFER TO
TYPICAL OPERATING CIRCUIT
USB* CIRCUIT OUTPUT RISE TIME
A
B
C
D
0V
0V
0V
0A
500µs/div
C: IOUT, 0.5A/div
D: VFAULT, 2V/div
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
USB* CIRCUIT OUTPUT FALL TIME
A
B
C
D
0V
0V
0V
0A
500µs/div
VIN = 5V, IOUT = 1A, CIN = 1µF, COUT = 120µF
A: VON, 5V/div
B: VOUT, 2V/div
C: IOUT, 0.5A/div
D: VFAULT, 2V/div
_____________________Pin Description
PIN
Input, P-channel MOSFET source.
Bypass IN with a 1µF capacitor to
ground.
IN
1, 4, 5,
12, 13, 16
FUNCTION
NAME
Switch output. P-channel MOSFET
drain. Bypass OUT with a 0.1µF
capacitor to GND.
OUT
2, 3, 6,
11, 14, 15
Ground
GND
8
Active-Low Switch-On Input. A logic
low turns the switch on.
ON
7
Fault-Indicator Output. This open-
drain output goes low when in cur-
rent limit or when the die temperature
exceeds +135°C. FAULT remains low
for Turn-On Time + 50µs during start-
up.
FAULT
10
Set Current-Limit Input. A resistor
from SET to ground sets the current
limit for the switch. RSET = 1,184 /
ILIMIT, where ILIMIT is the desired cur-
rent limit in amperes.
SET
9


Similar Part No. - MAX869L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX86916 MAXIM-MAX86916 Datasheet
842Kb / 39P
   Integrated Optical Sensor Module for Mobile Health
Rev 0; 10/19
MAX86916EVSYS MAXIM-MAX86916EVSYS Datasheet
904Kb / 13P
   MAX86916 Evaluation System
319-100505; Rev 0; 2/20
MAX86916EVSYS# MAXIM-MAX86916EVSYS# Datasheet
904Kb / 13P
   MAX86916 Evaluation System
319-100505; Rev 0; 2/20
More results

Similar Description - MAX869L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX890L MAXIM-MAX890L Datasheet
135Kb / 8P
   1A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
MAX893L MAXIM-MAX893L Datasheet
115Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1450; Rev 0; 7/99
MAX890 MAXIM-MAX890 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
19-1146; Rev 4; 4/11
MAX890L MAXIM-MAX890L_11 Datasheet
453Kb / 8P
   1.2A, Current-Limited, High-Side P-Channel Switch with Thermal Shutdown
Rev 4; 4/11
MAX891L MAXIM-MAX891L Datasheet
108Kb / 8P
   Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
MAX894L MAXIM-MAX894L Datasheet
98Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 0; 10/96
MAX894L MAXIM-MAX894L_07 Datasheet
363Kb / 8P
   Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
Rev 1; 2/07
logo
STMicroelectronics
ST890 STMICROELECTRONICS-ST890 Datasheet
148Kb / 7P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890 STMICROELECTRONICS-ST890_05 Datasheet
443Kb / 9P
   1.2A CURRENT LIMITED HIGH SIDE WITH THERMAL SHUTDOWN
ST890 STMICROELECTRONICS-ST890_09 Datasheet
563Kb / 20P
   1.2 A current limited high side power switch with thermal shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com