Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX868 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX868
Description  Regulated, Adjustable -2x Inverting Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX868 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX868 Datasheet HTML 4Page - Maxim Integrated Products MAX868 Datasheet HTML 5Page - Maxim Integrated Products MAX868 Datasheet HTML 6Page - Maxim Integrated Products MAX868 Datasheet HTML 7Page - Maxim Integrated Products MAX868 Datasheet HTML 8Page - Maxim Integrated Products MAX868 Datasheet HTML 9Page - Maxim Integrated Products MAX868 Datasheet HTML 10Page - Maxim Integrated Products MAX868 Datasheet HTML 11Page - Maxim Integrated Products MAX868 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Regulated, Adjustable -2x
Inverting Charge Pump
8
___________________________________
__________Applications Information
Low-Output-Voltage Operation
Since the difference between the voltage of the series-
connected flying capacitors and the output voltage
must be dissipated within the device, the MAX868’s
efficiency is very similar to that of a linear regulator.
Estimate efficiency using the following equation:
where k is a constant equal to 2 for the standard con-
figuration of Figure 5 and equal to 1 for the circuit of
Figure 6. This equation’s denominator is the voltage
resulting from the series connection of the flying capac-
itors (-2 x VIN, as shown in Figure 3b), while its numera-
tor is simply the regulated output voltage.
For applications in which the output voltage will not be
more negative than -
|VIN|, the efficiency can be doubled
using the circuit of Figure 6, as compared to the circuit
of Figure 5. In Figure 6, a single flying capacitor is con-
nected between C2+ and C1-, with C2- and C1+ left
unconnected. Furthermore, doubling the flying capaci-
tor to provide the same flying capacitance as the stan-
dard configuration (i.e., setting CF = C1 + C2) provides
the same load-current capability as the standard con-
figuration and reduces the MAX868’s open-loop output
resistance by a factor of two, due to the reduction in the
number of switches in the current path.
Layout and Grounding
Proper layout is important to obtain optimal perfor-
mance. Connect GND to PGND together using the
shortest trace possible, and similarly connect these
pins to the ground plane. Mount all capacitors as close
to the MAX868 as possible, keeping traces short to
minimize parasitics. Keep all connections to the FB pin
as short as possible. Specifically, locate R1 and R2
next to FB (Figures 7 and 8). Should it become neces-
sary in the final layout, leave room to parallel a feed-
forward capacitor across R1.
η
V
k x V
|
|
OUT
IN
=
MAX868
C1+
IN
PGND
SHDN
GND
FB
R2
500k
R1
750k
OUT
0.1
µF
1
µF
10
µF
VOUT = -7.5V
VIN = 5V
0.1
µF
C1-
C2+
C2-
Figure 5. Standard Configuration for Generating an Output
Voltage up to -2 x VIN
MAX868
C2+
IN
PGND
SHDN
GND
FB
OUT
CF = 0.2µF
*
*
1
µF
10
µF
VOUT = -3.3V
AT 20mA
VIN = 5V
C2-
C1+
C1-
*C1+ AND C2- MUST BE LEFT UNCONNECTED.
R2
500k
R1
330k
Figure 6. Alternative Configuration for
|VOUT| ≤ VIN
Chip Information
TRANSISTOR COUNT: 96
SUBSTRATE CONNECTED TO IN


Similar Part No. - MAX868

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8680 MAXIM-MAX8680 Datasheet
156Kb / 2P
   Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN
Rev 2; 11/07
MAX8680ETL++ MAXIM-MAX8680ETL+ Datasheet
156Kb / 2P
   Smallest, All-Internal MOSFET, 7-Channel DSC PMIC in Tiny 5mm x 5mm Thin QFN
Rev 2; 11/07
MAX8685A MAXIM-MAX8685A Datasheet
39Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
July 9, 2009
MAX8685AETD++ MAXIM-MAX8685AETD+ Datasheet
39Kb / 5P
   PLASTIC ENCAPSULATED DEVICES
July 9, 2009
MAX8686 MAXIM-MAX8686 Datasheet
416Kb / 23P
   Single/Multiphase, Step-Down, DC-DC Converter Delivers Up to 25A Per Phase
Rev 1; 10/10
More results

Similar Description - MAX868

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX889 MAXIM-MAX889 Datasheet
301Kb / 8P
   High-Frequency, Regulated, 200mA, Inverting Charge Pump
MAX889R MAXIM-MAX889R Datasheet
306Kb / 8P
   Inverting Charge Pump
Rev 0; 7/00
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
New Japan Radio
NJW4191 NJRC-NJW4191_13 Datasheet
72Kb / 7P
   Inverting Charge Pump IC
logo
ON Semiconductor
NIS6201 ONSEMI-NIS6201 Datasheet
44Kb / 4P
   Floating, Regulated Charge Pump
May, 2004 ??Rev. P2
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com