Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX860MJA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX860MJA
Description  50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX860MJA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX860MJA Datasheet HTML 1Page - Maxim Integrated Products MAX860MJA Datasheet HTML 2Page - Maxim Integrated Products MAX860MJA Datasheet HTML 3Page - Maxim Integrated Products MAX860MJA Datasheet HTML 4Page - Maxim Integrated Products MAX860MJA Datasheet HTML 5Page - Maxim Integrated Products MAX860MJA Datasheet HTML 6Page - Maxim Integrated Products MAX860MJA Datasheet HTML 7Page - Maxim Integrated Products MAX860MJA Datasheet HTML 8Page - Maxim Integrated Products MAX860MJA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
50mA, Frequency-Selectable,
Switched-Capacitor Voltage Converters
_______________________________________________________________________________________
5
90
70
80
0
0.33
MAX861
OUTPUT CURRENT vs. CAPACITANCE
HIGH-FREQUENCY MODE
CAPACITANCE (
µF)
4.7
40
20
1
2.2
22
60
10
10
30
50
VIN = +4.5V,
VOUT = -3.5V
VIN = +4.5V, VOUT = -4V
VIN = +3V, VOUT = -2.4V
VIN = +3V, VOUT = -2.7V
fOSC = 250kHz
FC = OUT
LV = GND
INVERTER MODE
80
70
0
0.33
MAX861
OUTPUT CURRENT vs. CAPACITANCE
MEDIUM-FREQUENCY MODE
CAPACITANCE (
µF)
4.7
40
20
1
2.2
22
60
10
10
30
50
VIN = +4.5V,
VOUT = -3.5V
VIN = +3V,
VOUT = -2.4V
VIN = +4.5V,
VOUT = -4V
VIN = +3V, VOUT = -2.7V
fOSC = 100kHz
FC = GND
LV = GND
INVERTER MODE
______________________________________________________________Pin Description
____________________________Typical Operating Characteristics (continued)
(All curves generated using the inverter circuit shown in the
Typical Operating Circuits with LV = GND and TA = +25°C, unless other-
wise noted. Test results also valid for doubler mode with LV = OUT and TA = +25°C. All capacitor values used are those recom-
mended in Table 3, unless otherwise noted. The output resistance curves represent the resistance of the device itself, which is RO in
the equation for ROUT shown in the Capacitor Selection section.)
INVERTER
DOUBLER
Doubled Positive Output
Flying-Capacitor Negative Terminal
Ground
Low-Voltage-Operation Input. Connect to OUT.
Active-Low Shutdown Input. Connect to GND pin if not
used. Connect to OUT to disable the charge pump.
Positive Input Supply
Flying-Capacitor Positive Terminal
Frequency Control, see Table 1
FUNCTION
Positive Input Supply
VDD
8
Flying-Capacitor Negative Terminal
C1-
4
Negative Output
OUT
5
Low-Voltage-Operation Input. Connect to GND.
LV
6
Active-Low Shutdown Input. Connect to VDD if not
used. Connect to GND to disable the charge pump.
S
H
D
N
7
Ground
GND
3
Flying-Capacitor Positive Terminal
C1+
2
Frequency Control, see Table 1
FC
1
NAME
PIN


Similar Part No. - MAX860MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX860MJA MAXIM-MAX860MJA Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX860MJA MAXIM-MAX860MJA Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
More results

Similar Description - MAX860MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX860 MAXIM-MAX860_V01 Datasheet
174Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
2013
MAX861IUA-T MAXIM-MAX861IUA-T Datasheet
184Kb / 11P
   50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 3; 8/13
MAX1680 MAXIM-MAX1680 Datasheet
103Kb / 12P
   125mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
Rev 0; 7/97
logo
Microchip Technology
TCM828 MICROCHIP-TCM828_10 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
2010
TCM829ECT713 MICROCHIP-TCM829ECT713 Datasheet
378Kb / 26P
   Switched Capacitor Voltage Converters
07/15/10
TCM828ECT713 MICROCHIP-TCM828ECT713 Datasheet
71Kb / 9P
   Switched Capacitor Voltage Converters
5/22/00
logo
Maxim Integrated Produc...
MAX1044 MAXIM-MAX1044 Datasheet
116Kb / 12P
   Switched-Capacitor Voltage Converters
19-4667; Rev 1; 7/94
MAX1044 MAXIM-MAX1044_V01 Datasheet
1Mb / 14P
   Switched-Capacitor Voltage Converters
2019
logo
ON Semiconductor
MAX828 ONSEMI-MAX828 Datasheet
173Kb / 12P
   Switched Capacitor Voltage Converters
February, 2000 ??Rev. 0
logo
Microchip Technology
TCM828 MICROCHIP-TCM828 Datasheet
75Kb / 9P
   Switched Capacitor Voltage Converters
2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com