Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8212ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8212ESA
Description  Microprocessor Voltage Monitors with Programmable Voltage Detection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8212ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8212ESA Datasheet HTML 1Page - Maxim Integrated Products MAX8212ESA Datasheet HTML 2Page - Maxim Integrated Products MAX8212ESA Datasheet HTML 3Page - Maxim Integrated Products MAX8212ESA Datasheet HTML 4Page - Maxim Integrated Products MAX8212ESA Datasheet HTML 5Page - Maxim Integrated Products MAX8212ESA Datasheet HTML 6Page - Maxim Integrated Products MAX8212ESA Datasheet HTML 7Page - Maxim Integrated Products MAX8212ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Calculate resistor values for Figure 3 as follows:
1) Choose a value for R1. Typical values are in
the 10k
Ω to 10MΩ range.
2) Calculate R2 for the desired upper trip point
VU using the formula:
3) Calculate R3 for the desired amount of
hysteresis, where VL is the lower trip point:
or, if V+ = VIN:
Figure 5 shows an alternate circuit, suitable only when the
voltage being detected is also the power-supply voltage
for the MAX8211 or MAX8212.
Calculate resistor values for Figure 5 as follows:
1) Choose a value for R1. Typical values are in
the 10k
Ω to 10MΩ range.
2) Calculate R2:
3) Calculate R3:
Low-Voltage Detector for Logic Supply
The circuit of Figure 5 will detect when a 5.0V (nominal)
supply goes below 4.5V, which is the VMIN normally
specified in logic systems. The selected resistor values
ensure that false undervoltage alarms will not be gener-
ated, even with worst-case threshold trip values and
resistor tolerances. R3 provides approximately 75mV of
hysteresis.
R3
R1
(VU VL)
1.15V
R2
R1
(VL VTH)
VTH
R1
(VL 1.15V)
1.15V
R3
R2
(VL VTH)
(VU VL)
R2
(VL 1.15V)
(VU VL)
R3
R2
(V
VTH)
(VU VL)
R2
(V +
1.15V)
(VU VL)
+−
R2 = R1
(VU VTH)
VTH
R1
(VU 1.15V)
1.15V
×
Microprocessor Voltage Monitors
with Programmable Voltage Detection
________________________________________________________________________________________
5
-55
TA (°C)
1.250
1.230
1.210
1.190
1.170
1.150
1.130
1.110
1.090
1.070
1.050
-25
25
75
125
V+ = 16.5V
V+ = 2V
Figure 4. MAX8211/MAX8212 Threshold Trip Voltage vs.
Ambient Temperature
VIN
HYST
MAX8211
OUT
GND
V+
R3
48.7k
1%
R2
20M
1%
R1
750k
1%
VOUT
(LOW FOR
VIN < 4.5V)
THRESH
Figure 5. MAX8211 Logic-Supply Low-Voltage Detector


Similar Part No. - MAX8212ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8212ESA MAXIM-MAX8212ESA Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
More results

Similar Description - MAX8212ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Guangdong Youtai Semico...
MAX809 UMW-MAX809 Datasheet
1Mb / 8P
   Microprocessor voltage detection reset chip
logo
TECH PUBLIC Electronics...
TPAX809 TECHPUBLIC-TPAX809 Datasheet
4Mb / 7P
   Microprocessor voltage detection reset chip
MAX809 TECHPUBLIC-MAX809_V01 Datasheet
3Mb / 7P
   Microprocessor Voltage Detection Reset Chip
MAX809 TECHPUBLIC-MAX809 Datasheet
3Mb / 7P
   Microprocessor Voltage Detection Reset Chip
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
logo
Shenzhen Huazhimei Semi...
HM6101 HMSEMI-HM6101 Datasheet
449Kb / 5P
   programmable voltage detection chip
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
   ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
MAX8215 MAXIM-MAX8215 Datasheet
156Kb / 12P
   짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Rev 0; 8/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com