Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX807NEUE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX807NEUE
Description  Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX807NEUE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX807NEUE Datasheet HTML 1Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 2Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 3Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 4Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 5Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 6Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 7Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 8Page - Maxim Integrated Products MAX807NEUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Full-Featured µP Supervisory Circuit with
±1.5% Reset Accuracy
4
_______________________________________________________________________________________
Note 1: Either VCC or VBATT can go to 0 if the other is greater than 2.0V.
Note 2: The supply current drawn by the MAX807 from the battery (excluding IOUT) typically goes to 15µA when (VBATT - 0.1V)
< VCC < VBATT. In most applications, this is a brief period as VCC falls through this region (see Typical Operating Characteristics).
Note 3: “+”= battery discharging current, “-”= battery charging current.
Note 4: WDI is internally connected to a voltage-divider between VCC and GND. If unconnected, WDI is driven to 1.8V (typical),
disabling the watchdog function.
Note 5: Overdrive (VOD) is measured from center of hysteresis band.
Note 6: The chip-enable resistance is tested with VCE IN = VCC/2, and ICE IN = 1mA.
Note 7: The chip-enable propagation delay is measured from the 50% point at CE IN to the 50% point at CE OUT.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.60V to 5.5V for the MAX807L, VCC = 4.50V to 5.5V for the MAX807N, VCC = 4.35V to 5.5V for the MAX807M,
VBATT = 2.8V, VPFI = 0V, TA = TMIN to TMAX. Typical values are tested with VCC = 5V and TA = +25°C, unless otherwise noted.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
PFI Leakage Current
±0.005
±40
nA
mV
20
PFI Hysteresis
µA
±0.00002
±1
CE IN Leakage Current
Disabled mode, MR = 0V
µs
14
PFI to PFO Delay (Note 5)
PFI Input Threshold
VPFT
VPFI falling
2.22
2.285
2.35
V
2.20
2.265
2.33
RESET to CE OUT Delay
VCC falling
28
µs
75
150
CE IN to CE OUT Resistance
(Note 6)
Enabled mode, VCC = VRST (max)
MR Minimum Pulse Input
1
µs
ns
170
MR-to-RESET Propagation
Delay
mA
17
CE OUT Short-Circuit Current
(RESET Active)
VCC = 5V, disabled mode,
CE OUT = 0, MR = 0V
ns
28
CE IN to CE OUT
Propagation Delay (Note 7)
VCC = 5V, CLOAD = 50pF,
50
Ω source impedance driver
V
3.5
CE OUT Output Voltage High
(RESET Active)
Disabled mode, MR = 0V
MR Threshold
VIH
2.4
V
BATT OK Threshold
VBOK
2.200
2.265
2.350
V
BATT OK Hysteresis
20
mV
Output Voltage
(PFO, BATT OK)
VOL
ISINK = 3.2mA
0.4
V
Output Short-Circuit Current
ISC
Output sink current
35
mA
VPFI rising
VBATT - 0.1 VBATT
VCC = 5V,
IOUT = 2mA
VCC = 0V,
IOUT = 10µA
VIL
0.8
VOH
ISOURCE = 5mA
VCC - 1.5
Output source current
20
VOD = 30mV, VPFI falling
MR Pullup Current
MR = 0V
50
100
200
µA
CHIP-ENABLE GATING
MANUAL RESET INPUT
BATT OK COMPARATOR
LOGIC OUTPUTS


Similar Part No. - MAX807NEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX800 MAXIM-MAX800 Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800L MAXIM-MAX800L Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LCSE MAXIM-MAX800LCSE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results

Similar Description - MAX807NEUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
   uP Supervisory Circuit
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
   uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
   High-Accuracy μP Reset Circuit
Rev 5; 12/19
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com