Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX848ESE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX848ESE
Description  1-Cell to 3-Cell, High-Power, Low-Noise, Step-Up DC-DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX848ESE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX848ESE Datasheet HTML 5Page - Maxim Integrated Products MAX848ESE Datasheet HTML 6Page - Maxim Integrated Products MAX848ESE Datasheet HTML 7Page - Maxim Integrated Products MAX848ESE Datasheet HTML 8Page - Maxim Integrated Products MAX848ESE Datasheet HTML 9Page - Maxim Integrated Products MAX848ESE Datasheet HTML 10Page - Maxim Integrated Products MAX848ESE Datasheet HTML 11Page - Maxim Integrated Products MAX848ESE Datasheet HTML 12Page - Maxim Integrated Products MAX848ESE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1-Cell to 3-Cell, High-Power,
Low-Noise, Step-Up DC-DC Converters
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX848/MAX849 combine a switching regulator,
N-channel power MOSFET, P-channel synchronous
rectifier, precision reference voltage, power-good indi-
cator, and battery voltage monitor, all in a single mono-
lithic device. The MAX848/MAX849 are powered
directly from the output. The output voltage is factory
preset to 3.3V or adjustable from 2.7V to 5V with exter-
nal resistors (Dual Mode™ operation). These devices
start from a low 1V input voltage and remain opera-
tional down to 0.7V. The MAX848/MAX849 operate with
either one to three NiCd/NiMH cells or one Li-Ion cell.
At power-up, an internal low-voltage oscillator drives
the N-channel power switch, and the output voltage
slowly builds up. The oscillator has a 25% nominal duty
cycle to prevent current build-up in the inductor. An
output voltage in excess of the nominal 2.25V lockout
voltage activates the error comparator and internal tim-
ing circuitry. The device resumes operation in either
pulse-frequency-modulation (PFM) low-power mode or
pulse-width-modulation (PWM) low-noise mode, select-
ed by the logic control, CLK/SEL. Figure 2 shows the
standard application circuit for the MAX849 configured
in the high-power PWM mode.
On/Off Control
The MAX848/MAX849 are turned on or off by logic
input pins ON1 and ON2 (Table 1). When ON1 = 1 or
ON2 = 0, the part is on. When ON1 = 0 and ON2 = 1,
the part is off. Both inputs have logic trip points near
0.5 x VOUT with 0.15 x VOUT hysteresis.
Operating Modes
The MAX848/MAX849 operate in either PFM, PWM, or
PWM synchronized to an externally applied clock sig-
nal. Table 2 lists each operating mode.
ON
REF
1.25V
RDY
EN
START-UP
OSCILLATOR
Q
OUT
ON1
ON2
REF
GND
CLK/SEL
FB
POKIN
AINSEL
AIN1
AIN2
EN
ADC
FEEDBACK
EN
300kHz
OSCILLATOR
2.25V
FEEDBACK
AND
POWER-GOOD
SELECT
PFM/PWM
PCH
0.25
NCH
0.13
POUT
LX
PGND
POK
DATA
MAX848/MAX849
N
Q
Q
D
EN
OSC
MODE
PFM/PWM
CONTROLLER
Figure 1. Functional Diagram
ON1
O
ON
N2
2
MAX848/MAX849
0
0
On
0
1
Off
1
0
On
1
1
On
Table 1. On/Off Logic Control


Similar Part No. - MAX848ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX840 MAXIM-MAX840 Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840C/D MAXIM-MAX840C/D Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ESA MAXIM-MAX840ESA Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX840ISA MAXIM-MAX840ISA Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
MAX843C/D MAXIM-MAX843C/D Datasheet
161Kb / 10P
   Low-Noise, Regulated, -2V GaAsFET Bias
Rev 1; 3/96
More results

Similar Description - MAX848ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1700 MAXIM-MAX1700 Datasheet
248Kb / 16P
   1-Cell to 3-Cell, High-Power 1A, Low-Noise, Step-Up DC-DC Converters
Rev 1; 1/99
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
MAX1678 MAXIM-MAX1678 Datasheet
166Kb / 12P
   1-Cell to 2-Cell, Low-Noise, High-Efficiency, Step-Up DC-DC Converter
Rev 0; 7/98
MAX1705EEE MAXIM-MAX1705EEE Datasheet
265Kb / 18P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 1; 8/00
MAX1705 MAXIM-MAX1705 Datasheet
215Kb / 20P
   1- to 3-Cell, High-Current, Low-Noise, Step-Up DC-DC Converters with Linear Regulator
Rev 0; 4/97
logo
Silicon Standard Corp.
SS6639 SSC-SS6639 Datasheet
144Kb / 12P
   1-Cell, 3-Pin, Step-Up DC/DC Controller
logo
Analog Intergrations Co...
AIC1628 AIC-AIC1628 Datasheet
259Kb / 7P
   3-Cell, High-Efficiency, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX8715 MAXIM-MAX8715 Datasheet
288Kb / 14P
   Low-Noise Step-Up DC-DC Converters
Rev 3; 9/05
logo
Analog Intergrations Co...
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790_V01 Datasheet
293Kb / 14P
   Low-Noise Step-Up DC-DC Converters
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com