Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX819LCPA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX819LCPA
Description  5V Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX819LCPA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX819LCPA Datasheet HTML 1Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 2Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 3Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 4Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 5Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 6Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 7Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 8Page - Maxim Integrated Products MAX819LCPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
+5V Microprocessor Supervisory Circuits
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +4.75V to +5.5V for MAX81_L, VCC = +4.5V to +5.5V for MAX81_M, VBATT = 2.8V, TA = TMIN to TMAX, unless otherwise
noted. Typical values are at TA = +25°C.)
Power-down
VCC = 5V
IOUT = -1µA, VCC = 0V, VBATT = 2.8V
IOUT = -100µA, VCC = 0V
Enable mode
Disable mode
CONDITIONS
µs
15
RESET to CE OUT Delay
3.5
VIL
CE OUT Input Threshold
V
0.8
VIH
V
2.7
VOH
CE OUT Output
VCC - 1V
40
150
CE IN to CE OUT Resistance
(Note 6)
µA
±0.005
±1
CE IN Leakage Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Note 2: Either VCC or VBATT can go to 0V if the other is greater than 2.0V.
Note 3: “-” = battery-charging current, “+” = battery-discharging current.
Note 4: WDI is internally serviced within the watchdog timeout period if WDI is left unconnected.
Note 5: WDI input is designed to be driven by a three-stated output device. To float WDI, the “high-impedance mode” of the output
device must have a maximum leakage current of 10µA and a maximum output capacitance of 200pF. The output device
must also be able to source and sink at least 200µA when active.
Note 6: The chip-enable resistance is tested with VCC = +4.75V for the MAX818L and VCC = +4.5V for the MAX818M.
V CE IN = V CE OUT = VCC/2.
Note 7: The chip-enable propagation delay is measured from the 50% point at
CE IN to the 50% point at CE OUT.
Disable mode,
CE OUT = 0V
mA
0.1
0.75
2.0
CE OUT Short-Circuit Current
(Reset Active)
50
Ω source impedance driver, CLOAD = 50pF
ns
38
CE IN to CE OUT Propagation
Delay (Note 7)
CHIP-ENABLE GATING (MAX818 only)


Similar Part No. - MAX819LCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX819_CPA MAXIM-MAX819_CPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX819_CSA MAXIM-MAX819_CSA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX819_CUA MAXIM-MAX819_CUA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX819_EPA MAXIM-MAX819_EPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX819_ESA MAXIM-MAX819_ESA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
More results

Similar Description - MAX819LCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com