Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UU4793L-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UU4793L-S08-R
Description  OVERLOAD MONITORING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4793L-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UU4793L-S08-R Datasheet HTML 1Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 2Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 3Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 4Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UU4793
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R121-022.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
GND
Ground
2
VS
Power supply voltage
3
OUT2
Comparator 2 output
4
IN1
Comparator 1 input
5
OUT1
Comparator 1 output
6
IN2
Comparator 2 input
7
VREF
Reference voltage
8
Input Switch
Input switch pin
BLOCK DIAGRAM


Similar Part No. - UU4793L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU4793L-S08-R UTC-UU4793L-S08-R Datasheet
191Kb / 5P
   OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
UU4793L-S08-R UTC-UU4793L-S08-R Datasheet
191Kb / 5P
   LINEAR INTEGRATED CIRCUIT
UU4793L-S08-R UTC-UU4793L-S08-R Datasheet
148Kb / 5P
   OVERLOAD MONITORING WITH RESISTIVE LOAD
More results

Similar Description - UU4793L-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU4793 UTC-UU4793_17 Datasheet
148Kb / 5P
   OVERLOAD MONITORING WITH RESISTIVE LOAD
UU4793 UTC-UU4793 Datasheet
191Kb / 5P
   OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
logo
TEMIC Semiconductors
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
   Monitoring Relays Frequency Monitoring
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
   Health Monitoring (Heart Rate Monitoring,
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
   Electronic monitoring relay for temperature monitoring
logo
Thinking Electronic Ind...
PPD08120MP6B2 THINKING-PPD08120MP6B2 Datasheet
384Kb / 17P
   Overload Protection
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
   Overload protection
2013-10-10
logo
Winbond
W83L784R WINBOND-W83L784R Datasheet
1Mb / 56P
   Monitoring IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com