Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX816C Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX816C
Description  짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX816C Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX816C Datasheet HTML 7Page - Maxim Integrated Products MAX816C Datasheet HTML 8Page - Maxim Integrated Products MAX816C Datasheet HTML 9Page - Maxim Integrated Products MAX816C Datasheet HTML 10Page - Maxim Integrated Products MAX816C Datasheet HTML 11Page - Maxim Integrated Products MAX816C Datasheet HTML 12Page - Maxim Integrated Products MAX816C Datasheet HTML 13Page - Maxim Integrated Products MAX816C Datasheet HTML 14Page - Maxim Integrated Products MAX816C Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
(VRT) is greater than or equal to the minimum IC operat-
ing voltages (VICMIN). The 1% “L” series allows the use
of a 5V ±5% power supply, and guarantees system
operation over worst-case conditions, maximizing the
Power-Supply Guard-Band Range.
T-suffix parts have a minimum reset threshold set to
3.00V, worst case. They are intended for 3.3V systems
(3.33V ±0.26V) with a 7.8% or better power-supply tol-
erance. Typically, the reset threshold (VRT) is greater
than or equal to the minimum IC operating voltages
(VICMIN).
The MAX816 has an adjustable reset threshold, set with
an external resistive divider (Figure 3). The voltage on
the RESET IN pin is monitored, not the voltage on VCC.
The RESET IN threshold is 1.700V, and has very high
impedance and 35nA maximum leakage. Calculate the
trip point, VRT, as follows:
where VRT = the desired reset threshold, VRIT is the
RESET IN threshold (1.700V), R1 is the resistor con-
nected between VRT and RESET IN, and R2 is the
resistor connected between RESET IN and GND.
Resistors R1 and R2 can have very high values. The
usual procedure is to set R2 to some conveniently high
value (100k
Ω, for example) and calculate R1 based on
the desired reset threshold, using the following formula:
The MAX816 can achieve ±1.2% accuracy with 0.1%
resistors.
Watchdog Timer (MAX815)
The watchdog circuit monitors the µP’s activity. If the µP
does not toggle the watchdog input (WDI) within the
watchdog timeout period (tWP), WDO goes low (Figure
8). WDO also goes low during reset conditions.
Whenever VCC is below the reset threshold, WDO stays
low; however, unlike RESET, WDO does not have a mini-
mum pulse width. As soon as VCC rises above the reset
threshold, WDO goes high with no delay (Figure 9).
Typically, WDO is connected to the non-maskable inter-
rupt (NMI) of a µP. When VCC drops below the reset
threshold, WDO goes low whether or not the watchdog
timer has timed out (Figure 9). This would normally trig-
ger an NMI interrupt, but RESET goes low simultane-
ously and thus overrides the NMI interrupt.
Connecting WDO to MR enables the watchdog timeout
to generate a reset in the MAX815.
Early Power-Fail Warning
Critical systems often require early warning to indicate
when power is failing. This warning provides time for
the µP to store vital data and take care of any additional
“housekeeping” before the power supply gets too far
out of tolerance for the µP to operate reliably.
Power-Fail Comparator
The power-fail comparator is intended as an undervolt-
age detector to signal a failing power supply. However,
the comparator does not need to be dedicated to this
function, because it is completely separate from the
rest of the circuitry. To build an early-warning circuit for
power failure, connect the PFI pin to a voltage divider
(see Figures 1, 2, and 3). Choose the voltage divider
ratio, so the voltage at PFI falls below VPFI just before
the monitored voltage drops out. Use PFO to interrupt
the µP, so it can prepare for an orderly power-down.
The power-fail input (PFI) is compared to an internal
reference. If the voltage on PFI is less than the power-
fail reference, PFO sinks at least 1.2mA to GND; other-
wise it sources at least 300µA from VCC. The reference
is 2.50V in the MAX814/MAX815 with K, L, N suffixes, or
1.70V with the T suffix. It is also 1.70V in the MAX816.
LOW LINE Output (MAX814)
The low-line detector is a separate comparator that
monitors VCC with a typical threshold voltage of 60mV
above the normal reset threshold, with 2mV of hystere-
sis (Figure 9). If VCC rises faster than 10µs/V, insert a
100pF capacitor from LOW LINE to GND to ensure
proper start-up. For normal operation (VCC above the
reset threshold), LOW LINE is pulled to VCC. Use LOW
LINE to provide an NMI to the µP when power begins to
fall. In most battery-operated portable systems, reserve
energy in the battery provides ample time to complete
the shutdown routine once the low-line warning is
encountered, and before reset asserts. If the system
must also contend with a more rapid VCC fall time—
such as when the main battery is disconnected or a
high-side switch is opened during operation—use
capacitance on the VCC line to provide time to execute
the shutdown routine. First, calculate the worst-case
time required for the system to perform its shutdown
routine. Then use the worst-case shutdown time
(tSHDN), worst-case load current (ILOAD), and minimum
low-line to reset threshold (VLR) to calculate the amount
of capacitance required to allow the shutdown routine
to complete before reset is asserted.
C
It
V
HOLD
LOAD
SHDN
LR
=
×
RR
V
V
RT
RIT
12
1
()
[]
/
V
VR
R
R
RT
RIT
=
×+
()
12
2
±1% Accuracy, Low-Power, +3V and +5V
µP Supervisory Circuits
______________________________________________________________________________________
11


Similar Part No. - MAX816C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX816CPA MAXIM-MAX816CPA Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX816CPA MAXIM-MAX816CPA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX816CSA MAXIM-MAX816CSA Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX816CSA MAXIM-MAX816CSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
More results

Similar Description - MAX816C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814_05 Datasheet
533Kb / 16P
   ±1% Accuracy, Low-Power, 3V and 5V uP Supervisory Circuits
Rev 1; 12/05
MAX814KCSA MAXIM-MAX814KCSA Datasheet
533Kb / 16P
   1,-1% Accuracy, Low-Power, 3V and 5V muP Supervisory Circuits
Rev 1; 12/05
MAX706 MAXIM-MAX706 Datasheet
425Kb / 12P
   3V Voltage Monitoring, Low-Cost, 關P Supervisory Circuits
Rev 2; 9/95
MAX801L MAXIM-MAX801L Datasheet
91Kb / 12P
   8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Rev 0; 6/96
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com