Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX845 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX845
Description  Isolated Transformer Driver for PCMCIA Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX845 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX845 Datasheet HTML 1Page - Maxim Integrated Products MAX845 Datasheet HTML 2Page - Maxim Integrated Products MAX845 Datasheet HTML 3Page - Maxim Integrated Products MAX845 Datasheet HTML 4Page - Maxim Integrated Products MAX845 Datasheet HTML 5Page - Maxim Integrated Products MAX845 Datasheet HTML 6Page - Maxim Integrated Products MAX845 Datasheet HTML 7Page - Maxim Integrated Products MAX845 Datasheet HTML 8Page - Maxim Integrated Products MAX845 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
_______________Detailed Description
The MAX845 is a transformer driver specifically
designed to provide isolated power for PCMCIA and
other height- and/or space-sensitive applications. It
drives a center-tapped transformer primary from a 5V
or 3.3V DC power supply. The secondary can be
wound to provide any isolated DC voltage needed at
power levels up to 750mW.
The 450kHz minimum switching frequency allows the
use of very thin transformers, making the MAX845 ideal
for PCMCIA and other space-limited applications. The
MAX845 is designed to drive a single transformer less
than 0.09 inches (2.3mm) in height, including package.
Further reduction down to 0.050 inches (1.27mm) can
be achieved using a transformer without a package.
The MAX845 consists of an RC oscillator driving a pair
of N-channel power switches. The oscillator runs at
double the output frequency, driving a toggle flip-flop
to ensure 50% duty cycle to each of the switches.
Internal circuitry ensures break-before-make action
between the two switches.
A low-current shutdown mode disables all internal cir-
cuitry, including the oscillator and both power switches.
Drive the shutdown pin (SD) high to shut down the part;
drive SD low for normal operation. The SD pin has no
internal default condition and must not be allowed to
float.
Most MAX845 applications will operate at high frequen-
cies. The frequency-select pin (FS) is pulled high or left
open (FS is internally pulled up to VCC) to operate at a
minimum of 450kHz. Pulling FS low selects the low-fre-
quency state.
Theory of Operation
Figure 2 shows the MAX845 driving both a TGM-010P3
transformer with a center-tapped primary, and a sec-
ondary with a voltage-doubler rectifier topology. All of the
transformers driven by the MAX845 must have a center
tap with VIN applied. Whenever one of the MAX845 out-
puts (D1 or D2) goes low, the other goes to approximate-
ly double the supply voltage. A voltage is induced in the
secondary and the rectifier diodes steer the currents into
the appropriate output capacitor. On alternate half
cycles, each capacitor is charged. The output voltage is
the sum of the voltages from each output capacitor. This
topology yields the simplest and smallest transformer
because the least number of secondary turns is required
for a given voltage.
__________Applications Information
With the MAX845 transformer driver, designers have
the advantages of push/pull converter topology in
space-sensitive applications. The push/pull DC-DC
converter topology allows isolated multiple outputs,
step-up/step-down or inverted outputs, easier filtering
on the input and the output, and lower overall noise.
Isolated Power for PCMCIA Applications
Medical instrumentation, modems, and LAN-interface
cards often require isolated power supplies. One of the
best switching-regulator topologies for this application
is the push/pull forward-converting DC-DC power sup-
ply shown in Figures 3 and 4. Because the transformer
works in the forward mode (rather than the flyback
mode), its core does not store energy and, therefore,
can be small. Input and output capacitors can be small
because of the high-frequency and continuous-current
waveforms.
Isolated Transformer Driver
for PCMCIA Applications
_______________________________________________________________________________________
5
MAX845
D1
D2
FS
GND2
GND1
VCC
FREQUENCY
SELECT
C2
C3
C1
OUTPUT
5V @ 150mA
5V
N
N
Q
Q
OSC
F / F
VIN
SD
ON / OFF
400kHz/
700kHz
T
ISO
GND
VCC
CR1
CR2
Figure 2. Detailed Block Diagram


Similar Part No. - MAX845

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX845 MAXIM-MAX845 Datasheet
45Kb / 4P
   Isolated Power Supply
Rev 4; 10/97
MAX845EVKIT MAXIM-MAX845EVKIT Datasheet
45Kb / 4P
   Isolated Power Supply
Rev 4; 10/97
MAX845EVKIT-MM MAXIM-MAX845EVKIT-MM Datasheet
45Kb / 4P
   Isolated Power Supply
Rev 4; 10/97
More results

Similar Description - MAX845

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
SCT-1603 MICRO-ELECTRONICS-SCT-1603 Datasheet
369Kb / 2P
   PCMCIA TRANSFORMER
SCT-0821 MICRO-ELECTRONICS-SCT-0821 Datasheet
362Kb / 2P
   PCMCIA TRANSFORMER
logo
XFMRS Inc.
XF16-8274 XFMRS-XF16-8274 Datasheet
58Kb / 1P
   PCMCIA TRANSFORMER
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501 Datasheet
1Mb / 26P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
logo
XFMRS Inc.
XF16-8274 XFMRS-XF16-8274 Datasheet
58Kb / 1P
   PCMCIA TRANSFORMER
XF16-8274 XFMRS-XF16-8274_15 Datasheet
58Kb / 1P
   PCMCIA TRANSFORMER
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1 Datasheet
963Kb / 33P
[Old version datasheet]   Transformer Driver for Isolated Power Supplies
logo
XFMRS Inc.
XF16-8274 XFMRS-XF16-8274 Datasheet
58Kb / 1P
   PCMCIA TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com