Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX808LEPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX808LEPA
Description  8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX808LEPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX808LEPA Datasheet HTML 1Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 2Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 3Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 4Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 5Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 6Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 7Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 8Page - Maxim Integrated Products MAX808LEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.6V to 5.5V for the MAX80_L, VCC = 4.5V to 5.5V for the MAX80_N, VCC = 4.35V to 5.5V for the MAX80_M; VBATT = 2.8V;
TA = TMIN to TMAX. Typical values are at VCC = 5V and TA = +25°C, unless otherwise noted.)
VCC rising
and falling
VCC rising
VCC falling at 1mV/µs
ISINK = 50µA,
VBATT = 0V,
VCC falling
VCC falling at 1mV/µs
MAX80_M
VCC falling
MAX80_L
MAX80_N
CONDITIONS
0.1
0.4
RESET Output Voltage
0.3
0.3
V
4.350
4.425
4.500
VRST
Reset Threshold
ms
140
200
280
tRP
RESET Active Timeout
Period
µs
17
tLL
VCC to LOWLINE Delay
µs
17
tRD
VCC to RESET Delay
V
4.48
4.56
VLL
LOWLINE Threshold,
VCC Rising
mV
13
Reset-Threshold Hysteresis
mV
30
52
70
VLR
LOWLINE to RESET
Threshold Voltage
4.73
4.81
4.63
4.71
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX80_L
MAX80_N
4.500
4.575
4.650
4.600
4.675
4.750
MAX80_M
ISOURCE = 0.1mA
VCC - 1.5
VCC - 0.1
V
ISINK = 3.2mA
ISOURCE = 5mA, VCC = 4.25V
0.4
V
VCC - 1.5
RESET Output Voltage
(MAX801)
Output sink current
Output source current, VCC = 4.25V
ISINK = 3.2mA, VCC = 4.25V
ISOURCE = 5mA, VCC = 4.25V
0.4
V
VCC - 1.5
LOWLINE Output Voltage
55
mA
15
ISC
RESET Output Short-
Circuit Current (MAX801)
Output sink current, VCC = 4.25V
Output source current
40
mA
20
ISC
LOWLINE Output
Short-Circuit Current
VCC = 1.0V, MAX80_C
VCC = 1.2V, MAX80_E/M
ISINK = 3.2mA, VCC = 4.25V
Output sink current, VCC = 4.25V
Output source current
40
mA
1.6
ISC
RESET Output
Short-Circuit Current
1.12
1.6
2.24
sec
0.75 x VCC
tWD
Watchdog Timeout Period
VIH
V
RESET deasserted, WDI = 0V
0.8
-50
-10
VIL
WDI Threshold Voltage
(Note 4)
µA
RESET deasserted, WDI = VCC
16
50
WDI Input Current
VIL = 0.8V, VIH = 0.75V x VCC
100
ns
Minimum Watchdog Input
Pulse Width
RESET AND LOW-LINE
WATCHDOG TIMER (MAX801)


Similar Part No. - MAX808LEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX808_CPA MAXIM-MAX808_CPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_CSA MAXIM-MAX808_CSA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_EPA MAXIM-MAX808_EPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_ESA MAXIM-MAX808_ESA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_MJA MAXIM-MAX808_MJA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
More results

Similar Description - MAX808LEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com