Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8215ESD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8215ESD
Description  짹5V, 짹12V (짹15V) Dedicated Microprocessor Voltage Monitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8215ESD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8215ESD Datasheet HTML 4Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 5Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 6Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 7Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 8Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 9Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 10Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 11Page - Maxim Integrated Products MAX8215ESD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
±5V, ±12V (±15V) Dedicated
Microprocessor Voltage Monitors
10
______________________________________________________________________________________
PART
TEMP. RANGE
PIN-PACKAGE
MAX8216CPD
0°C to +70°C
14 Plastic DIP
MAX8216CSD
0°C to +70°C
14 SO
MAX8216C/D
0°C to +70°C
Dice*
MAX8216ESD
-40°C to +85°C
14 SO
MAX8216EPD
-40°C to +85°C
14 Plastic DIP
MAX8216MJD
-55°C to +125°C
14 CERDIP
MAX8216MPD
-55°C to +125°C
14 Plastic DIP
MAX8216EJD
-40°C to +85°C
14 CERDIP
_Ordering Information (continued)
* Dice are tested at TA = +25°C.
___________________Chip Topography
OUT4
OUT3
+5
-5
+12V
(+15V)
-12V
(-15V)
GND
VREF
VDD OUT1
DOUT
PGND
DIN
0.076"
(1.930mm)
0.066"
(1.676mm)
OUT2
(
) ARE FOR MAX8216 ONLY.
TRANSISTOR COUNT: 275;
SUBSTRATE CONNECTED TO VDD.


Similar Part No. - MAX8215ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215ESD MAXIM-MAX8215ESD Datasheet
508Kb / 12P
   ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
More results

Similar Description - MAX8215ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8215 MAXIM-MAX8215_05 Datasheet
508Kb / 12P
   ±5V, ±12V (±15V) Dedicated Microprocessor Voltage Monitors
Rev 1; 11/05
logo
Analog Devices
ADG1408 AD-ADG1408 Datasheet
919Kb / 16P
   5???ax Ron, 4-/8-Channel 짹15V/12V/짹5V Multiplexers
RevPrA
logo
Maxim Integrated Produc...
MAX8211 MAXIM-MAX8211_08 Datasheet
94Kb / 7P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
19-0539; Rev 5; 9/08
MAX8211 MAXIM-MAX8211 Datasheet
67Kb / 8P
   Microprocessor Voltage Monitors with Programmable Voltage Detection
Rev 3; 1/95
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
   Microprocessor Voltage Monitors with Manual Reset
logo
Maxim Integrated Produc...
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
   3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
   Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
logo
Vishay Siliconix
GS809C VISHAY-GS809C Datasheet
45Kb / 6P
   Microprocessor Reset Monitors
01-Nov-02
logo
Maxim Integrated Produc...
MAX8213 MAXIM-MAX8213 Datasheet
606Kb / 16P
   Five Universal Voltage Monitors - Complete Microprocessor Voltage Monitoring
Rev 1; 7/93
MAX742 MAXIM-MAX742 Datasheet
143Kb / 12P
   Switch-Mode Regulator with 5V to 짹12V or 짹15V Dual Output
19-3105; Rev 2; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com