Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX807MEWE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX807MEWE
Description  Full-Featured uP Supervisory Circuit with /-1.5% Reset Accuracy
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX807MEWE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX807MEWE Datasheet HTML 1Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 2Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 3Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 4Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 5Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 6Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 7Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 8Page - Maxim Integrated Products MAX807MEWE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Full-Featured µP Supervisory Circuit with
±1.5% Reset Accuracy
_______________________________________________________________________________________
3
VIH
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 4.60V to 5.5V for the MAX807L, VCC = 4.50V to 5.5V for the MAX807N, VCC = 4.35V to 5.5V for the MAX807M,
VBATT = 2.8V, VPFI = 0V, TA = TMIN to TMAX. Typical values are tested with VCC = 5V and TA = +25°C, unless otherwise noted.)
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Sink current
70
4.600
4.675
4.750
V
5
BATT ON Output
Short-Circuit Current
Source current, VCC = 0V, VBATT = 2.8V
4.350
4.425
4.500
LOW LINE to RESET
Threshold Voltage
VLR
Reset Threshold Hysteresis
VCC falling
30
52
70
mV
13
mV
4.500
4.575
4.650
VRST
Reset Threshold
VCC rising and falling
4.63
4.71
MAX807N
VCC to LOW LINE Delay
VCC falling at 1mV/µs
24
µs
µs
26
VCC to RESET Delay
VCC falling at 1mV/µs
4.48
4.56
MAX807M
Minimum Watchdog Input
Pulse Width
Watchdog-Timeout Period
VIL = 0.8V, VIH = 0.75 x VCC
tWD
100
ns
V
1.12
1.6
2.24
s
ms
140
200
280
tRP
RESET Active-Timeout Period
VCC rising
4.73
4.81
MAX807L
MAX807L
MAX807N
MAX807M
0.3
0.3
ISINK = 50µA,
VBATT = 0V, VCC falling
VCC - 1.5
VCC - 0.1
RESET Output Voltage
ISOURCE = 0.1mA
0.1
0.4
ISINK = 3.2mA, VCC = 4.25V
mA
60
Output sink current, VCC = 4.25V
1.6
ISC
RESET Output
Short-Circuit Current
Output source current
VCC = 1V,
MAX807_C
VCC = 1.2V,
MAX807_E/M
V
0.4
ISINK = 3.2mA
VCC - 1.5
RESET Output Voltage
ISOURCE = 5mA
V
0.4
ISINK = 3.2mA, VCC = 4.25V
VCC - 1.5
LOW LINE Output Voltage
ISOURCE = 5mA
mA
60
Output sink current
15
ISC
RESET Output
Short-Circuit Current
Output source current, VCC = 4.25V
mA
28
Output sink current, VCC = 4.25V
20
ISC
LOW LINE Output
Short-Circuit Current
Output source current
V
0.4
ISINK = 3.2mA
VCC - 1.5
WDO Output Voltage
ISOURCE = 5mA
mA
mA
35
Output sink current
20
ISC
WDO Output
Short-Circuit Current
Output source current
VLL
V
LOW LINE Threshold,
VCC Rising
V
0.75 x VCC
0.8
VIH
WDI Threshold Voltage
(Note 4)
VIL
µA
-50
-10
Reset deasserted, WDI = 0V
16
50
WDI Input Current
Reset deasserted, WDI = VCC
RESET, LOW LINE, AND WATCHDOG TIMER


Similar Part No. - MAX807MEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX800 MAXIM-MAX800 Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800L MAXIM-MAX800L Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
MAX800LCPE MAXIM-MAX800LCPE Datasheet
210Kb / 17P
   Microprocessor Supervisory Circuits
19-0094; Rev 11; 8/08
MAX800LCSE MAXIM-MAX800LCSE Datasheet
157Kb / 16P
   Microprocessor Supervisory Circuits
Rev 7a; 12/96
More results

Similar Description - MAX807MEWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
   MicroPower Supervisory Circuit with Manual Reset
logo
Advanced Analog Technol...
AAT3526 AAT-AAT3526 Datasheet
93Kb / 9P
   MicroPower??Supervisory Circuit with Manual Reset
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
logo
Micrel Semiconductor
MIC708MY MICREL-MIC708MY Datasheet
180Kb / 7P
   uP Supervisory Circuit
logo
Alliance Semiconductor ...
ASM161 ALSC-ASM161 Datasheet
245Kb / 9P
   uP Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6394 MAXIM-MAX6394 Datasheet
849Kb / 8P
   High-Accuracy μP Reset Circuit
Rev 5; 12/19
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823 Datasheet
115Kb / 6P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com