Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX794CSE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX794CSE
Description  3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX794CSE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX794CSE Datasheet HTML 3Page - Maxim Integrated Products MAX794CSE Datasheet HTML 4Page - Maxim Integrated Products MAX794CSE Datasheet HTML 5Page - Maxim Integrated Products MAX794CSE Datasheet HTML 6Page - Maxim Integrated Products MAX794CSE Datasheet HTML 7Page - Maxim Integrated Products MAX794CSE Datasheet HTML 8Page - Maxim Integrated Products MAX794CSE Datasheet HTML 9Page - Maxim Integrated Products MAX794CSE Datasheet HTML 10Page - Maxim Integrated Products MAX794CSE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
3.0V/3.3V Adjustable Microprocessor
Supervisory Circuits
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
PIN
Supply Output for CMOS RAM. When VCC rises above the reset threshold or above
VBATT, OUT is connected to VCC through an internal P-channel MOSFET switch. When
VCC falls below VSW and VBATT, BATT connects to OUT.
OUT
1
1
Reset Input. Connect to an external resistor divider to select the reset threshold. The
reset threshold can be programmed anywhere in the VSW to 5.5V range.
RESET IN
(MAX794)
3
Battery Status Output. High in normal operating mode when VBATT exceeds VBOK, other-
wise low. VBATT is checked continuously. Disabled and logic low while VCC is below VSW.
BATT OK
(MAX793)
Main Supply Input
VCC
2
2
Power-Fail Comparator Output. When PFI is less than VPFT or when VCC falls below
VSW, PFO goes low; otherwise, PFO remains high. PFO is also used to enable the bat-
tery freshness seal (see B
attery Freshness Seal, and Power-Fail Comparator sections).
PFO
7
Active-High Reset Output. Sources and sinks current. RESET is the inverse of RESET.
RESET
13
Chip-Enable Output. CE OUT goes low only when CE IN is low and reset is not asserted.
If CE IN is low when reset is asserted, CE OUT will remain low for 10µs or until CE IN
goes high, whichever occurs first. CE OUT is pulled up to OUT.
CE OUT
12
6
Ground
GND
6
Power-Fail Comparator Input. When PFI is less than VPFT or when VCC falls below VSW,
PFO goes low; otherwise, PFO remains high (see
Power-Fail Comparator section).
Connect to VCC if unused.
PFI
4
Chip-Enable Input. The input to the chip-enable gating circuit. Connect to GND if unused
CE IN
11
5
4
Watchdog Output. WDO goes low if WDI remains either high or low for longer than the
watchdog timeout period. WDO returns high on the next transition of WDI. WDO is a
logic high for VSW < VCC < VRST, and low when VCC is below VSW.
WDO
9
Manual Reset Input. A logic low on MR asserts reset. Reset remains asserted as long as
MR is low and for 200ms after MR returns high. The active-low input has an internal
70µA pull-up current. In can be driven from a TTL- or CMOS-logic line or shorted to
ground with a switch. Leave open if unused.
MR
8
Watchdog Input. If WDI remains either high or low for longer than the watchdog timeout
period, the internal watchdog timer runs out and WDO goes low. WDO returns high on
the next transition of WDI. Connect WDO to MR to generate a reset due to a watchdog
fault.
WDI
10
Early Power-Fail Warning Output. Low when VCC falls to VLR. This output can be used to
generate an NMI to provide early warning of imminent power-failure.
LOWLINE
14
Open-Drain, Active-Low Reset Output. Pulses low for 200ms when triggered, and stays
low whenever VCC is below the reset threshold or when MR is a logic low. It remains low
for 200ms after either VCC rises above the reset threshold, the watchdog triggers a reset
(WDO connected to MR), or MR goes low to high.
RESET
15
7
Backup-Battery Input. When VCC falls below VSW and VBATT, OUT switches from VCC to
BATT. When VCC rises above the reset threshold or above VBATT, OUT reconnects to
VCC. VBATT may exceed VCC. Connect VCC, OUT, and BATT together if no battery is
used.
BATT
16
8
Logic Output/External Bypass Switch-Driver Output. High when OUT switches to BATT.
Low when OUT switches to VCC. Connect the base/gate of PNP/PMOS transistor to
BATT ON for IOUT requirements exceeding 75mA.
BATT ON
5
3
MAX793/
MAX794
FUNCTION
NAME
MAX795


Similar Part No. - MAX794CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX794CSE MAXIM-MAX794CSE Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
More results

Similar Description - MAX794CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Sipex Corporation
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
SP706P SIPEX-SP706P Datasheet
213Kb / 18P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
logo
Exar Corporation
SP706RCN-L EXAR-SP706RCN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com