Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX797MJE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX797MJE
Description  Step-Down Controllers with Synchronous Rectifier for CPU Power
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX797MJE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX797MJE Datasheet HTML 7Page - Maxim Integrated Products MAX797MJE Datasheet HTML 8Page - Maxim Integrated Products MAX797MJE Datasheet HTML 9Page - Maxim Integrated Products MAX797MJE Datasheet HTML 10Page - Maxim Integrated Products MAX797MJE Datasheet HTML 11Page - Maxim Integrated Products MAX797MJE Datasheet HTML 12Page - Maxim Integrated Products MAX797MJE Datasheet HTML 13Page - Maxim Integrated Products MAX797MJE Datasheet HTML 14Page - Maxim Integrated Products MAX797MJE Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Step-Down Controllers with
Synchronous Rectifier for CPU Power
______________________________________________________________________________________
11
Table 1. Component Selection for Standard 3.3V Applications
Table 2. Component Suppliers
*
Distributor
losses due to MOSFET gate charge. The step-down
power-switching circuit consists of two N-channel
MOSFETs, a rectifier, and an LC output filter. The out-
put voltage is the average of the AC voltage at the
switching node, which is adjusted and regulated by
changing the duty cycle of the MOSFET switches. The
gate-drive signal to the N-channel high-side MOSFET
must exceed the battery voltage and is provided by a
flying capacitor boost circuit that uses a 100nF capaci-
tor connected to BST.
The MAX796 contains nine major circuit blocks, which
are shown in Figure 2.
[1] 714-960-6492
(714) 969-2491
Matsuo
[1] 512-992-3377
(512) 992-7900
IRC
[1] 310-322-3332
(310) 322-3331
International Rectifier
[1] 605-665-1627
(605) 668-4131
Dale
[1] 561-241-9339
(561) 241-7876
Coiltronics
[1] 847-639-1469
(847) 639-6400
Coilcraft
[1] 516-435-1824
(516) 435-1110
Central Semiconductor
[1] 803-626-3123
(803) 946-0690
AVX
FACTORY FAX
[Country Code]
USA PHONE
MANUFACTURER
[1] 864-963-6521
(864) 963-6300
Kemet
1.5µH, 11A, 3.5m
Coiltronics
CTX03-12357-1
4.7µH, 5.5A Ferrite
Coilcraft DO3316-472
10µH, 3A Ferrite
Sumida CDRH125
33µH, 2.2A Ferrite
Dale LPE6562-330MB
47µH, 1.2A Ferrite or
Kool-Mu
Sumida CD75-470
L1 Inductor
3 x 0.02
Ω IRC
LR2010-01-R020
(3 in parallel)
0.015
Ω IRC
LR2010-01-015
0.025
Ω IRC
LR2010-01-R025
0.039
Ω IRC
LR2010-01-R039
0.062
Ω IRC
LR2010-01-R062
R1 Resistor
1N5820 NIEC
NSQ03A02, or
Motorola MBRS340T3
1N5821 NIEC
NSQ03A04 or
Motorola MBRS340T3
1N5819 NIEC
EC10QS03 or
Motorola MBRS130T3
1N5817 NIEC
EC10QS02L or
Motorola MBRS130T3
1N5817 Motorola
MBR0502L SOD-89
D1 Rectifier
4 x 220µF, 10V
Sanyo OS-CON
10SA220M
3 x 220µF, 10V AVX
TPS or Sprague 595D
220µF, 10V AVX TPS
or Sprague 595D
150µF, 10V AVX TPS
or Sprague 595D
150µF, 10V AVX TPS
or Sprague 595D
C2 Output
Capacitor
2 x 220µF, 10V
Sanyo OS-CON
10SA220M
4 x 22µF, 35V AVX
TPS or Sprague 595D
2 x 22µF, 35V AVX
TPS or Sprague 595D
2 x 22µF, 35V AVX
TPS or Sprague 595D
22µF, 35V AVX TPS
or Sprague 595D
C1 Input
Capacitor
Motorola
MTD75N03HDL
D2PAK
Motorola
MTD20N03HDL
DPAK
Motorola
MMSF5N03HD or
Si9410
Motorola 1/2
MMDF3N03HD or 1/2
Si9936
International Rectifier
1/2 IRF7101
Q2 Low-Side
MOSFET
Motorola
MTD75N03HDL
D2PAK
Motorola
MTD20N03HDL
DPAK
Motorola
MMSF5N03HD or
Si9410
Motorola 1/2
MMDF3N03HD or 1/2
Si9936
International Rectifier
1/2 IRF7101
Q1 High-Side
MOSFET
4.5V to 6V
4.75V to 24V
4.75V to 28V
4.75V to 18V
4.75V to 18V
Input Range
{1} 847-390-4405
(847) 390-4461
TDK
[81] 3-3607-5144
(847) 956-0666
Sumida
[1] 603-224-1430
(603) 224-1961
Sprague
[1] 408-970-3950
(408) 988-8000
(800) 554-5565
Siliconix
[81] 7-2070-1174
(619) 661-6835
Sanyo
[81] 3-3494-7414
(805) 867-2555*
NIEC
[1] 814-238-0490
(814) 237-1431
(800) 831-9172
Murata-Erie
FACTORY FAX
[Country Code]
USA PHONE
MANUFACTURER
[1] 702-831-3521
(702) 831-0140
Transpower Technologies
[1] 602-994-6430
(602) 303-5454
Motorola
LOAD CURRENT
10A
4A
3A
2A
1A
COMPONENT
300kHz
300kHz
300kHz
300kHz
150kHz
Frequency
Desktop 5V-to-3V
High-End Notebook
Notebook
Sub-Notebook
PDA
Application


Similar Part No. - MAX797MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797MJE MAXIM-MAX797MJE Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX797MJE++ MAXIM-MAX797MJE+ Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
More results

Similar Description - MAX797MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX797CSE-T MAXIM-MAX797CSE-T Datasheet
1,005Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX796 MAXIM-MAX796_05 Datasheet
415Kb / 32P
   Step-Down Controllers with Synchronous Rectifier for CPU Power
Rev 4; 9/05
MAX1624 MAXIM-MAX1624 Datasheet
223Kb / 24P
   High-Speed Step-Down Controllers with Synchronous Rectification for CPU Power
19-1227; Rev 1; 6/97
MAX798 MAXIM-MAX798 Datasheet
89Kb / 12P
   High-Accuracy Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 12/96
MAX797H MAXIM-MAX797H Datasheet
59Kb / 8P
   High-Voltage, Step-Down Controller with Synchronous Rectifier for CPU Power
Rev 0; 7/97
MAX1638 MAXIM-MAX1638 Datasheet
149Kb / 16P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1313; Rev 0; 11/97
MAX1639 MAXIM-MAX1639 Datasheet
108Kb / 13P
   High-Speed Step-Down Controller with Synchronous Rectification for CPU Power
19-1337; Rev 0; 2/98
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874 TI-UC1874 Datasheet
350Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down Buck Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com