Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4069 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # CD4069
Description  INVERTER CIRCUITS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069 Datasheet(HTML) 4 Page - Unisonic Technologies

  CD4069_15 Datasheet HTML 1Page - Unisonic Technologies CD4069_15 Datasheet HTML 2Page - Unisonic Technologies CD4069_15 Datasheet HTML 3Page - Unisonic Technologies CD4069_15 Datasheet HTML 4Page - Unisonic Technologies CD4069_15 Datasheet HTML 5Page - Unisonic Technologies CD4069_15 Datasheet HTML 6Page - Unisonic Technologies CD4069_15 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CD4069
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-020.D
AC ELECTRICAL CHARACTERISTICS (Note 1)
(TA=25℃, CL=50pF, RL=200kΩ, tR and tF ≤ 20 ns, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VDD=5V
50
90
ns
VDD=10V
30
60
ns
Propagation Delay Time from
Input to Output
tPHL or tPLH
VDD=15V
25
50
ns
VDD=5V
80
150
ns
VDD=10V
50
100
ns
Transition Time
tTHL or tTLH
VDD=15V
40
80
ns
Average Input Capacitance
CIN
Any Gate
6
15
pF
Power
Dissipation
Capacitance
CPD
Any Gate (Note 3)
12
pF
Notes: 1. AC Parameters are guaranteed by DC correlated testing.
2. IOH and IOL are tested one output at a time.
3. CPD determines the no load AC power consumption of any CMOS device.


Similar Part No. - CD4069_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
   INVERTER CIRCUITS
More results

Similar Description - CD4069_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
   Inverter Circuits
logo
Unisonic Technologies
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
   INVERTER CIRCUITS
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
   INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
   INVERTER CIRCUITS
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
   Inverter Circuits
CD4069UBC FAIRCHILD-CD4069UBC_02 Datasheet
96Kb / 7P
   Inverter Circuits
logo
Unisonic Technologies
TC4069 UTC-TC4069_17 Datasheet
133Kb / 5P
   INVERTER CIRCUITS
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com