Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2370R Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2370R
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2370R Datasheet(HTML) 2 Page - New Japan Radio

  NJM2370R Datasheet HTML 1Page - New Japan Radio NJM2370R Datasheet HTML 2Page - New Japan Radio NJM2370R Datasheet HTML 3Page - New Japan Radio NJM2370R Datasheet HTML 4Page - New Japan Radio NJM2370R Datasheet HTML 5Page - New Japan Radio NJM2370R Datasheet HTML 6Page - New Japan Radio NJM2370R Datasheet HTML 7Page - New Japan Radio NJM2370R Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM2370
- 2/2 -
NJM2370_databook00_01
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
20
V
Control Voltage
VCONT
20(note 1)
V
Power Dissipation
PD
(SOT-89)
(VSP8)
350
320
mW
Operating Temperature Range
Topr
−40 ∼ +85
°C
Storage Temperature Range
Tstg
−40 ∼ +125
°C
(note 1)When input voltage is less than +20V, the absolute maximum
control voltage is equal to the input voltage.
s ELECTRICAL CHARACTERISTICS
(Ta=25
°C)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
VIN=Vo+1V, Io=30mA
−3%
+3%
V
Quiescent Current 1
IQ1
Io=0mA,expect ICONT
180
µA
Quiescent Current 2
IQ2
CONTROL
−GND short
100
nA
Output Current
Io
(Vo
−0.3V)
150
180
mA
VIN=(Vo+1V)
∼ (Vo+6V)
Vo=2V to 14V
0.12
%/V
Line Regulation
∆Vo/∆V
IN
VIN=(Vo+1V)
∼ (Vo+5V)
Vo=15V
0.12
%/V
Load Regulation
∆Vo/∆Io
Io=0
∼ 60mA
0.03
%/mA
Dropout Voltage
∆V
I-O
Io=30mA
0.1
0.3
V
Ripple Rejection
R
• R
f=400Hz, ein=100mVp-p
VIN=Vo+1.5V, Io=10mA
60
dB
Average Temperature
Coefficient of Output
Voltage
∆Vo/∆Ta
Ta=
−20 ∼ 75°C, Io=10mA
VIN=Vo+1.5V
0. 2
mV/
°C
Output Noise Voltage
VNO
10Hz< f < 80kHz, Io=10mA, Vo=3V
30
µVrms
(note 2)Please confirm the specification separately because some parameters depend on output voltage.
s TEST CIRCUIT
NJM2370
+
V
IN
V
IN
V
OUT
CONTROL
NOISE
BYPASS
GND
+
0.1
µF
I
IN
I
CONT
V
CONT
Cp
10
µF
I
OUT
V
OUT
V
V
A
A


Similar Part No. - NJM2370R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2373 NJRC-NJM2373 Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
NJM2373A NJRC-NJM2373A Datasheet
128Kb / 5P
   Adjustable High Precision Shunt Regulator
NJM2374A NJRC-NJM2374A Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2374AD NJRC-NJM2374AD Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
NJM2374AE NJRC-NJM2374AE Datasheet
90Kb / 8P
   PWM DC/DC CONVERTER IC
More results

Similar Description - NJM2370R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2396 NJRC-NJM2396 Datasheet
513Kb / 6P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2386A NJRC-NJM2386A Datasheet
270Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-08
NJM2387A NJRC-NJM2387A Datasheet
272Kb / 10P
   ADJUSTABLE LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
Ver.2016-04-15
logo
Tiger Electronic Co.,Lt...
KIA78R25F TGS-KIA78R25F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78RXX TGS-KIA78RXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
logo
ON Semiconductor
MC33375 ONSEMI-MC33375_06 Datasheet
155Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2006 ??Rev. 10
MC33375 ONSEMI-MC33375_09 Datasheet
254Kb / 14P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
May, 2009 ??Rev. 12
MC33375 ONSEMI-MC33375_13 Datasheet
210Kb / 13P
   300 mA, Low Dropout Voltage Regulator with On/Off Control
October, 2013 ??Rev. 16
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com