Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX808LCSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX808LCSA
Description  8-Pin 關P Supervisory Circuits with 짹1.5eset Accuracy
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX808LCSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX808LCSA Datasheet HTML 1Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 2Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 3Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 4Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 5Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 6Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 7Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 8Page - Maxim Integrated Products MAX808LCSA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX801/MAX808 microprocessor (µP) supervisory
circuits monitor and control the activities of +5V µPs by
providing backup-battery switchover, low-line indica-
tion, and µP reset. Additional features include a watch-
dog for the MAX801 and CMOS RAM write protection
for the MAX808.
The MAX801/MAX808 offer a choice of reset-threshold
voltage (denoted by suffix letter): 4.675V (L), 4.575V
(N), and 4.425V (M). These devices are available in
8-pin DIP and SO packages.
________________________Applications
Computers
Controllers
Intelligent Instruments
Critical µP Power Monitoring
Portable/Battery-Powered Equipment
Embedded Systems
____________________________Features
o Precision Voltage Monitoring, ±1.5% Reset
Accuracy
o 200ms Power-OK/Reset Time Delay
o RESET Output (MAX808)
RESET and RESET Outputs (MAX801)
o Watchdog Timer (MAX801)
o On-Board Gating of Chip-Enable Signals (MAX808):
Memory Write-Cycle Completion
3ns CE Gate Propagation Delay
o 1µA Standby Current
o Power Switching:
250mA in VCC Mode
20mA in Battery-Backup Mode
o MaxCap™/SuperCap™ Compatible
o RESET Guaranteed Valid to VCC = 1V
o Low-Line Threshold 52mV Above Reset
Threshold
8-Pin µP Supervisory Circuits
with ±1.5% Reset Accuracy
________________________________________________________________
Maxim Integrated Products
1
0.1
µF
0.1
µF
0.1
µF
µP
POWER
POWER FOR
CMOS RAM
NMI
BATT
VCC
OUT
+5V
GND
RESET
FROM I/O SYSTEM OR
ADDRESS DECODER
TO CMOS RAM
CE IN
CE OUT
LOWLINE
RESET
MAX808
µP SYSTEM
__________Typical Operating Circuit
19-1086; Rev 0; 6/96
PART*
MAX801_CPA
MAX801_CSA
MAX801_EPA
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
8 Plastic DIP
______________Ordering Information
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
MaxCap is a trademark of The Carborundum Corp.
SuperCap is a trademark of Baknor Industries.
Pin Configurations appear at end of data sheet.
MAX801_ESA
MAX801_MJA
MAX808_CPA
0°C to +70°C
-55°C to +125°C
-40°C to +85°C
8 SO
8 CERDIP**
8 Plastic DIP
MAX808_CSA
0°C to +70°C
8 SO
MAX808_EPA
MAX808_ESA
MAX808_MJA
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
8 CERDIP**
* These parts offer a choice of reset threshold voltage. From the
table below, select the suffix corresponding to the desired
threshold and insert it into the blank to complete the part number.
**Contact factory for availability and processing to MIL-STD-883.
RESET THRESHOLD (V)
L
4.60
4.675
N
4.50
4.75
M
4.35
4.575
4.65
4.425
4.50
MIN
MAX
SUFFIX
TYP


Similar Part No. - MAX808LCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX808_CPA MAXIM-MAX808_CPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_CSA MAXIM-MAX808_CSA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_EPA MAXIM-MAX808_EPA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_ESA MAXIM-MAX808_ESA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
MAX808_MJA MAXIM-MAX808_MJA Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
More results

Similar Description - MAX808LCSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX801L MAXIM-MAX801L_05 Datasheet
142Kb / 12P
   8-Pin uP Supervisory Circuits with 짹1.5% Reset Accuracy
Rev 1; 11/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX814 MAXIM-MAX814 Datasheet
111Kb / 16P
   짹1% Accuracy, Low-Power, 3V and 5V 關P Supervisory Circuits
Rev 0; 6/95
MAX6316 MAXIM-MAX6316 Datasheet
176Kb / 16P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
Rev 3; 1/99
MAX6316 MAXIM-MAX6316_V01 Datasheet
1Mb / 15P
   5-Pin 關P Supervisory Circuits with Watchdog and Manual Reset
2018
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
   Low-Cost, 關P Supervisory Circuits
2018
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com