Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX779L Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX779L
Description  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX779L Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX779L Datasheet HTML 4Page - Maxim Integrated Products MAX779L Datasheet HTML 5Page - Maxim Integrated Products MAX779L Datasheet HTML 6Page - Maxim Integrated Products MAX779L Datasheet HTML 7Page - Maxim Integrated Products MAX779L Datasheet HTML 8Page - Maxim Integrated Products MAX779L Datasheet HTML 9Page - Maxim Integrated Products MAX779L Datasheet HTML 10Page - Maxim Integrated Products MAX779L Datasheet HTML 11Page - Maxim Integrated Products MAX779L Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Output Voltage Selection
The output voltage of the MAX777L is fixed at 5V. The
MAX778L output voltage can be set to 3V by leaving the
SEL pin open. Connect SEL to AGND for 3.3V operation.
The MAX779L’s output voltage is set by two resistors,
R1 and R2 (Figure 3), which form a voltage divider
between the output and the FB pin. The output voltage
can be set from 2.5V to 6.0V by the equation:
VOUT = (0.2025) [(R1 + R2)/R2]
To simplify the resistor selection:
R1 = (R2)[(VOUT/0.2025) - 1]
Since the input current at FB is 40nA maximum, large val-
ues (10k
Ω to 50kΩ for R2) can be used with no significant
loss of accuracy. For 1% error, the current through R2
should be at least 100 times FB’s bias current.
When large values are used for the feedback resistors
(R1 > 50k
Ω), stray output impedance at FB can add
“lag” to the feedback response, destabilizing the regula-
tor and creating a larger ripple at the output. Lead
lengths and circuit board traces at the FB node should be
kept short. Reduce ripple by adding a “lead” compensa-
tion capacitor (C3, 100pF to 50nF) in parallel with R1.
__________Applications Information
The
Typical Operating Circuit shows a MAX777L step-
up application circuit. This circuit starts up and oper-
ates with inputs ranging from 1.0V to 4.5V. Start-up time
is a function of the load, typically less than 5ms. Output
current capability is a function of the input voltage. See
Typical Operating Characteristics.
Inductor Selection
The 22µH inductor shown in the
Typical Operating
Circuit is sufficient for most MAX777L/MAX778L/
MAX779L designs. Other inductor values ranging from
10µH to 47µH are also suitable. The inductor should
have a saturation rating equal to or greater than the
peak switch-current limit, which is 1A without an exter-
nal current limit (ILIM connected to IN). It is acceptable
to operate the inductor at 120% of its saturation rating;
however, this will reduce efficiency. For highest effi-
ciency, use an inductor with a low DC resistance,
preferably under 0.2
Ω. Table 1 lists suggested inductor
suppliers.
Capacitor Selection
The 100µF, 10V surface-mount tantalum (SMT) output
capacitor shown in the
Typical Operating Circuit will
provide a 20mV output ripple or less, stepping up from
2V to 3.3V at 200mA. Smaller capacitors, down to 10µF,
are acceptable for light loads or in applications that tol-
erate higher output ripple. The input capacitor may be
omitted if the input lead length is less than 2 inches
(5cm) or if the loads are small.
The primary factor in selecting both the output and
input filter capacitor is low ESR. The ESR of both
bypass and filter capacitors affects efficiency. Optimize
performance by increasing filter capacitors or using
specialized low-ESR capacitors. The smallest low-ESR
SMT tantalum capacitors currently available are
Sprague 595D or 695D series. Sanyo OS-CON organic
semiconductor through-hole capacitors also exhibit
very low ESR, are rated for the wide temperature range,
and are particularly useful for operation at cold temper-
atures. Table 1 lists suggested capacitor suppliers.
Layout
The MAX777L/MAX778L/MAX779L’s high peak currents
and high-frequency operation make PC layout impor-
tant for minimum ground bounce and noise. Locate
input bypass and output filter capacitors close to the
device pins. All connections to the FB pin (MAX779L)
should also be kept as short as possible. A ground
plane is recommended. Solder AGND (pin 3) and
PGND (pin 4), directly to the ground plane. Refer to the
MAX777L/MAX778L/MAX779L evaluation kit (EV kit)
manual for a suggested surface-mount layout.
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
_______________________________________________________________________________________
9
SHDN
PGND
MAX779L
OUT
AGND
7
1
3
4
8
6
LI
22
µH
5
LX
FB
2
IN
ILIM
VIN
C1
22µF
R1
C3
C2
100µF
VOUT
R2
Figure 3. MAX779L Adjustable Voltage


Similar Part No. - MAX779L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77932C MAXIM-MAX77932C Datasheet
1Mb / 12P
   Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
MAX77932EVKIT MAXIM-MAX77932EVKIT Datasheet
1Mb / 12P
   Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
MAX77932EVKIT# MAXIM-MAX77932EVKIT# Datasheet
1Mb / 12P
   Bench power supply or 2-series cell battery pack with protector
310-100554; Rev 1; 6/20
MAX77950 MAXIM-MAX77950 Datasheet
1Mb / 53P
   WPC/PMA Dual Mode Wireless Power Receiver
Rev 0; 3/17
MAX77950 MAXIM-MAX77950 Datasheet
3Mb / 16P
   Wireless power transmitter with WPC/PMA compliance
319-100007; Rev 0; 3/17
More results

Similar Description - MAX779L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
   3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
   3.3V~5V Input 12W Output Step-up DC/DC Converter
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com