Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX776 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX776
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX776 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX776 Datasheet HTML 1Page - Maxim Integrated Products MAX776 Datasheet HTML 2Page - Maxim Integrated Products MAX776 Datasheet HTML 3Page - Maxim Integrated Products MAX776 Datasheet HTML 4Page - Maxim Integrated Products MAX776 Datasheet HTML 5Page - Maxim Integrated Products MAX776 Datasheet HTML 6Page - Maxim Integrated Products MAX776 Datasheet HTML 7Page - Maxim Integrated Products MAX776 Datasheet HTML 8Page - Maxim Integrated Products MAX776 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ Inverting DC-DC Controllers
_______________________________________________________________________________________
5
2.5
1.5
-60
60
SWITCH OFF-TIME vs. TEMPERATURE
2.0
TEMPERATURE (°C)
0
120
V+ = 5V
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
5.0
2.5
100
START-UP VOLTAGE
vs. LOAD CURRENT (BOOTSTRAPPED)
3.0
4.5
LOAD CURRENT (mA)
10
1000
3.5
1
4.0
VOUT = -12V
VOUT = -15V
VOUT = -5V
5.0
2.5
0.1
100
START-UP VOLTAGE
vs. LOAD CURRENT (NON-BOOTSTRAPPED)
3.0
4.5
LOAD CURRENT (mA)
10
1000
3.5
1
4.0
VOUT = -24V
VOUT = -15V
VOUT = -12V
VOUT = -5V
2200
800
2
4
10
16
MAX774
MAXIMUM LOAD vs. INPUT VOLTAGE
1200
1000
1800
2000
INPUT VOLTAGE (V)
8
612
14
1600
1400
BOOTSTRAPPED
NON-BOOTSTRAPPED
VOUT = -5V
20
-60 -40
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE
40
30
TEMPERATURE (°C)
40
20
0
-20
80
120
100
50
5V RISE
60
80
70
90
100
120
110
130
5V FALL
12V RISE
12V FALL
CEXT = 1nF
-60 -40
60
140
EXT RISE AND FALL TIMES
vs. TEMPERATURE
TEMPERATURE (°C)
40
20
0
-20
80
120
100
5V RISE
450
400
500
5V FALL
12V RISE
12V FALL
CEXT = 5nF
300
250
350
150
100
200
50
17
15
-60
60
SWITCH ON-TIME vs. TEMPERATURE
16
TEMPERATURE (°C)
0
120
V+ = 5V
8.0
7.8
7.6
7.4
7.2
7.0
6.8
6.6
6.4
6.2
6.0
-60 -40
60
140
SWITCH ON-TIME/OFF-TIME RATIO
TEMPERATURE (°C)
40
20
0
-20
80
120
100
V+ = 5V
4.0
0
-60 -40
60
140
SHUTDOWN CURRENT
vs. TEMPERATURE
1.0
0.5
2.5
3.5
TEMPERATURE (°C)
40
20
0
-20
80
120
100
2.0
1.5
3.0
V+ = 15V
V+ = 8V
V+ = 4V


Similar Part No. - MAX776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77640 MAXIM-MAX77640 Datasheet
4Mb / 22P
   Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77640EVKIT MAXIM-MAX77640EVKIT Datasheet
4Mb / 22P
   Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77641 MAXIM-MAX77641 Datasheet
4Mb / 22P
   Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77642 MAXIM-MAX77642 Datasheet
2Mb / 23P
   On-Board Electronic Loads
319-100635; Rev 0; 11/20
MAX77642ANA+T MAXIM-MAX77642ANA+T Datasheet
2Mb / 91P
   Ultra Configurable PMIC Featuring 93% Peak Efficiency Single-Inductor, 3-Output Buck-Boost, 1-LDO for Long Battery Life
2021
More results

Similar Description - MAX776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com