Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX776 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX776
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX776 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX776 Datasheet HTML 4Page - Maxim Integrated Products MAX776 Datasheet HTML 5Page - Maxim Integrated Products MAX776 Datasheet HTML 6Page - Maxim Integrated Products MAX776 Datasheet HTML 7Page - Maxim Integrated Products MAX776 Datasheet HTML 8Page - Maxim Integrated Products MAX776 Datasheet HTML 9Page - Maxim Integrated Products MAX776 Datasheet HTML 10Page - Maxim Integrated Products MAX776 Datasheet HTML 11Page - Maxim Integrated Products MAX776 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-5V/-12V/-15V or Adjustable,
High-Efficiency, Low IQ Inverting DC-DC Controllers
8
_______________________________________________________________________________________
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1
OUT
2
FB
3
SHDN
4
REF
1.5V reference output that can source 100
µA. Bypass to ground with 0.1µF.
5
V+
Positive power-supply input
6
CS
Noninverting input to the current-sense comparator. Typical trip level is 210mV (relative to V+).
7
EXT
The gate-drive output for an external P-channel power MOSFET. EXT swings from OUT to V+.
8
GND
Ground
The sense input for fixed-output operation (VFB = VREF). OUT is connected to the internal voltage divider,
and it is the negative supply input for the EXT driver.
Feedback input. When VFB = VREF, the output will be the factory preset value. For adjustable operation,
use an external voltage divider, as described in the
Adjustable Output section.
Active-high shutdown input. With SHDN high, the part is in shutdown mode and the supply current is less
than 5
µA. Connect to GND for normal operation.
____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
CIRCUIT OF FIGURE 2
V+ = 6V, VOUT = -5V
A: ILOAD, 30mA TO 1A, 1A/div
B: VOUT, 100mV/div, AC-COUPLED
LOAD-TRANSIENT RESPONSE
100
µs/div
A
B
CIRCUIT OF FIGURE 2
VOUT = -5V, ILOAD = 1A
A: V+, 3V TO 8V, 5V/div
B: VOUT, 100mV/div, AC-COUPLED
LINE-TRANSIENT RESPONSE
2ms/div
A
B


Similar Part No. - MAX776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77640 MAXIM-MAX77640 Datasheet
4Mb / 22P
   Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77640EVKIT MAXIM-MAX77640EVKIT Datasheet
4Mb / 22P
   Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77641 MAXIM-MAX77641 Datasheet
4Mb / 22P
   Evaluates Both Push-Button and Slider-Switch On-Key Options
Rev 0; 5/18
MAX77642 MAXIM-MAX77642 Datasheet
2Mb / 23P
   On-Board Electronic Loads
319-100635; Rev 0; 11/20
MAX77642ANA+T MAXIM-MAX77642ANA+T Datasheet
2Mb / 91P
   Ultra Configurable PMIC Featuring 93% Peak Efficiency Single-Inductor, 3-Output Buck-Boost, 1-LDO for Long Battery Life
2021
More results

Similar Description - MAX776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX639 MAXIM-MAX639_05 Datasheet
778Kb / 13P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Conver
Rev 4; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com