Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX818L Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX818L
Description  5V Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX818L Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX818L Datasheet HTML 1Page - Maxim Integrated Products MAX818L Datasheet HTML 2Page - Maxim Integrated Products MAX818L Datasheet HTML 3Page - Maxim Integrated Products MAX818L Datasheet HTML 4Page - Maxim Integrated Products MAX818L Datasheet HTML 5Page - Maxim Integrated Products MAX818L Datasheet HTML 6Page - Maxim Integrated Products MAX818L Datasheet HTML 7Page - Maxim Integrated Products MAX818L Datasheet HTML 8Page - Maxim Integrated Products MAX818L Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX817/MAX818/MAX819 microprocessor (µP)
supervisory circuits simplify power-supply monitoring,
battery control, and chip-enable gating in µP systems
by reducing the number of components required.
These devices are designed for use in +5V-powered
systems. Low supply current (11µA typical) and small
package size make these devices ideal for portable
applications. The MAX817/MAX818/MAX819 are specif-
ically designed to ignore fast transients on VCC. Other
supervisory functions include active-low reset, backup-
battery switchover, watchdog input, battery freshness
seal, and chip-enable gating. The
Selector Guide below
lists the specific functions available from each device.
These devices offer two pretrimmed reset threshold volt-
ages for ±5% or ±10% power supplies: 4.65V for the L
versions and 4.40V for the M versions. The MAX817/
MAX818/MAX819 are available in space-saving µMAX
packages, as well as 8-pin DIP/SO.
________________________Applications
Battery-Powered Computers and Controllers
Embedded Controllers
Intelligent Instruments
Critical µP Monitoring
Portable Equipment
____________________________Features
o Precision Supply-Voltage Monitor:
4.65V (MAX81_L)
4.40V (MAX81_M)
o 11µA Quiescent Supply Current
o 200ms Reset Time Delay
o Watchdog Timer with 1.6sec Timeout
(MAX817/MAX818)
o Battery-Backup Power Switching; Battery Voltage
Can Exceed VCC
o Battery Freshness Seal
o On-Board, 3ns Gating of Chip-Enable Signals
(MAX818)
o Uncommitted Voltage Monitor for Power-Fail or
Low-Battery Warning (MAX817/MAX819)
o Manual Reset Input (MAX819)
+5V Microprocessor Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
WDI
GND
PFO
PFI
1
2
8
7
BATT
RESET
VCC
OUT
MAX817
DIP/SO/
µMAX
TOP VIEW
3
4
6
5
_________________Pin Configurations
19-0494; Rev 1; 3/96
PART
MAX817_CPA
MAX817_CSA
MAX817_CUA
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
8 µMAX
______________Ordering Information
_____________________Selector Guide
Ordering Information continued on last page.
These parts offer a choice of reset threshold voltage. From the
table below, select the suffix corresponding to the desired
threshold and insert it into the blank to complete the part number.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
SUFFIX
RESET THRESHOLD (V)
L
4.65
M
4.40
FEATURE
MAX817
L/M
Active-Low Reset
Backup-Battery Switchover
MAX818
L/M
MAX819
L/M
Power-Fail Comparator
Watchdog Input
Battery Freshness Seal
Manual Reset Input
Chip-Enable Gating
Pin-Package
8-DIP/SO/
µMAX
8-DIP/SO/
µMAX
8-DIP/SO/
µMAX
Low-Power, Pin-
Compatible Upgrades for:
MAX690A/
MAX692A
MAX703/
MAX704
Typical Operating Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.
*Patents Pending


Similar Part No. - MAX818L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX818_CPA MAXIM-MAX818_CPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_CSA MAXIM-MAX818_CSA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_CUA MAXIM-MAX818_CUA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_EPA MAXIM-MAX818_EPA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
MAX818_ESA MAXIM-MAX818_ESA Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
More results

Similar Description - MAX818L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX817L MAXIM-MAX817L_05 Datasheet
280Kb / 16P
   5V Microprocessor Supervisory Circuits
Rev 3; 12/05
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com