Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA33NPBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVA33NPBF
Description  Bounce-Free Operation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA33NPBF Datasheet(HTML) 1 Page - International Rectifier

  PVA33NPBF Datasheet HTML 1Page - International Rectifier PVA33NPBF Datasheet HTML 2Page - International Rectifier PVA33NPBF Datasheet HTML 3Page - International Rectifier PVA33NPBF Datasheet HTML 4Page - International Rectifier PVA33NPBF Datasheet HTML 5Page - International Rectifier PVA33NPBF Datasheet HTML 6Page - International Rectifier PVA33NPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The PVA33 Series AC Relay (PVA) is a single-pole,
normally open, solid-state replacement for
electromechanical relays used for general purpose
switching of analog signals. It utilizes International
Rectifier’s HEXFET power MOSFETs as the output
switches, driven by an integrated circuit photovoltaic
generator of novel construction. The output switch is
controlled by radiation from a GaAlAs light emitting
diode (LED), which is optically isolated from the
photovoltaic generator.
The PVA33 Series overcomes the limitations of both
conventional electromechanical and reed relays by
offering the solid state advantages of long life, fast
operating speed, low pick up power, bounce-free
operation, low thermal offset voltages and miniature
package. These advantages allow product
improvement and design innovations in many
applications such as process control, multiplexing,
automatic test equipment and data acquisition.
The PVA33 can switch analog signals from
thermocouple level to 300 Volts peak AC or DC
polarity. Signal frequencies into the RF range are
easily controlled and switching rates up to 500Hz are
achievable. The extremely small thermally generated
offset voltages allow increased measurement
accuracies.
These relays are packaged in 8-pin, molded DIP
packages and available with either thru-hole or
surface-mount (“gull-wing”) leads, in plastic shipping
tubes.
Applications
Process Control
Data Acquisition
Test Equipment
Multiplexing and Scanning
Features
Bounce-Free Operation
1010 Off-State Resistance
1,000 V/
µsec dv/dt
0.2
µV Thermal Offset
5 mA Input Sensitivity
4,000 V
RMS I/O Isolation
Solid-State Reliability
UL Recognized
ESD Tolerance:
4000V Human Body Model
500V Machine Model
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Part Identification
PVA2352NPbF
PVA3324NPbF
thru-hole
PVA3354NPbF
PVA2352NS PbF
PVA3324NS PbF
PVA3354NS PbF
surface-mount
(gull-wing)
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Single-Pole, Normally-Open, 0-300V AC/DC, 150mA
Series PVA33NPbF
General Description
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
April 24, 2015


Similar Part No. - PVA33NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results

Similar Description - PVA33NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
   Bounce-free operation
PVT322PBF IRF-PVT322PBF_15 Datasheet
423Kb / 6P
   Bounce-free operation
PVA30NPBF IRF-PVA30NPBF_15 Datasheet
1,001Kb / 6P
   Bounce-Free Operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
   Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
   Bounce-free operation
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
   Bounce-Free Operation
PVG612PBF IRF-PVG612PBF_15 Datasheet
215Kb / 6P
   Bounce-free operation
PVT212PBF IRF-PVT212PBF_15 Datasheet
198Kb / 6P
   Bounce-free operation
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com