Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA30NPBF Datasheet(PDF) 4 Page - International Rectifier

Part # PVA30NPBF
Description  Bounce-Free Operation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA30NPBF Datasheet(HTML) 4 Page - International Rectifier

  PVA30NPBF_15 Datasheet HTML 1Page - International Rectifier PVA30NPBF_15 Datasheet HTML 2Page - International Rectifier PVA30NPBF_15 Datasheet HTML 3Page - International Rectifier PVA30NPBF_15 Datasheet HTML 4Page - International Rectifier PVA30NPBF_15 Datasheet HTML 5Page - International Rectifier PVA30NPBF_15 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series PVA30NPbF
www.irf.com
4
Figure 8. Typical Output Capacitance
VDD Drain to Drain Voltage
0
2
4
6
8
10
12
0
10
20
30
40
Figure 5. Input Characteristics
(Current Controlled)
LED Forward Voltage Drop (Volts DC)
Figure 6.Typical Delay Times
I LED (mA)
Figure 7. Delay Time Definitions
1
10
100
1000
0
5
10
15
20
Ton
Tdly
Toff


Similar Part No. - PVA30NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA30NPBF IRF-PVA30NPBF Datasheet
1,001Kb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
More results

Similar Description - PVA30NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA33NPBF IRF-PVA33NPBF_15 Datasheet
217Kb / 7P
   Bounce-Free Operation
PVN012PBF IRF-PVN012PBF_15 Datasheet
191Kb / 6P
   Bounce-free operation
PVT322PBF IRF-PVT322PBF_15 Datasheet
423Kb / 6P
   Bounce-free operation
PVT322APBF IRF-PVT322APBF_15 Datasheet
437Kb / 6P
   Bounce-free operation
PVT412PBF IRF-PVT412PBF_15 Datasheet
266Kb / 6P
   Bounce-free operation
PVG612APBF IRF-PVG612APBF_15 Datasheet
226Kb / 6P
   Bounce-free operation
PVT412APBF IRF-PVT412APBF_15 Datasheet
199Kb / 6P
   Bounce-free operation
PVA13NPBF IRF-PVA13NPBF_15 Datasheet
221Kb / 6P
   Bounce-Free Operation
PVG612PBF IRF-PVG612PBF_15 Datasheet
215Kb / 6P
   Bounce-free operation
PVT212PBF IRF-PVT212PBF_15 Datasheet
198Kb / 6P
   Bounce-free operation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com