Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX727 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX727
Description  5V/3.3V/3V 5A Step-Down, PWM, Switch-Mode DC-DC Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX727 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX727 Datasheet HTML 1Page - Maxim Integrated Products MAX727 Datasheet HTML 2Page - Maxim Integrated Products MAX727 Datasheet HTML 3Page - Maxim Integrated Products MAX727 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
___________Product Selection Guide
_______________General Description
The MAX787/MAX788/MAX789 are monolithic, bipolar,
pulse-width modulation (PWM), switch-mode, step-down
DC-DC regulators. Each is rated at 5A. Very few external
components are needed for standard operation because
the power switch, oscillator, feedback, and control circuitry
are all on-chip. Employing a classic buck topology, these
regulators perform high-current step-down functions.
The MAX787/MAX788/MAX789 have excellent dynamic
and transient response characteristics, while featuring
cycle-by-cycle current limiting to protect against overcurrent
faults and short-circuit output faults. They also have a wide
8V to 40V input range.
Each regulator is available in a 5-pin TO-220 package.
These devices have a preset 100kHz oscillator frequency
and a preset current limit of 6.5A. See the MAX724/
MAX726 data sheet for more applications information.
_______________________Applications
Distributed Power from High-Voltage Buses
High-Current, High-Voltage Step-Down
Multiple-Output Buck Converter
5V/3.3V/3V 5A Step-Down, PWM,
Switch-Mode DC-DC Regulators
________________________________________________________________
Maxim Integrated Products
1
VIN
VSW
GND
VC
SENSE
CASE IS CONNECTED TO GROUND. STANDARD PACKAGE HAS STAGGERED LEADS.
CONTACT FACTORY FOR STRAIGHT LEADS.
5-PIN TO-220
FRONT VIEW
MAX787
MAX788
MAX789
1
2
3
4
5
__________________Pin Configuration
VIN
VC
VSW
220
µF
GND
2.7k
0.01
µF
OUTPUT
5V AT 5A
SENSE
50
µH
MBR745
470
µF
INPUT
8V TO 40V
MAX787
STEP-DOWN CONVERTER
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0182; Rev 3; 9/95
___________________________Features
o Input Range: Up to 40V
o 5A On-Chip Power Switch
o Fixed Outputs: 5V (MAX787)
3.3V (MAX788)
3V (MAX789)
o 100kHz Switching Frequency
o Excellent Dynamic Characteristics
o Few External Components
o 8.5mA Quiescent Current
o TO-220 Package
______________Ordering Information
PART
VOUT (V)
IOUT MAX (A)
MAX724
Adjustable
5
MAX728
3.3
2
MAX726
Adjustable
2
MAX727
5
2
MAX787
5
5
MAX788
3.3
5
MAX789
3
5
MAX729
3
2
PART
MAX787CCK
MAX787ECK
MAX788CCK
MAX788ECK
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
5 TO-220
5 TO-220
-40°C to +85°C
0°C to +70°C
5 TO-220
5 TO-220
MAX789CCK
MAX789ECK
-40°C to +85°C
0°C to +70°C
5 TO-220
5 TO-220


Similar Part No. - MAX727

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX727CCK MAXIM-MAX727CCK Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX727ECK MAXIM-MAX727ECK Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
More results

Similar Description - MAX727

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX727 MAXIM-MAX727 Datasheet
39Kb / 4P
   5V/3.3V/3V 2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 9/95
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MXL1074 MAXIM-MXL1074 Datasheet
1Mb / 4P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
MAX724 MAXIM-MAX724 Datasheet
92Kb / 12P
   5A/2A Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 3; 9/95
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Maxim Integrated Produc...
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
   5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
   5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com