Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX772CSA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX772CSA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX772CSA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX772CSA Datasheet HTML 7Page - Maxim Integrated Products MAX772CSA Datasheet HTML 8Page - Maxim Integrated Products MAX772CSA Datasheet HTML 9Page - Maxim Integrated Products MAX772CSA Datasheet HTML 10Page - Maxim Integrated Products MAX772CSA Datasheet HTML 11Page - Maxim Integrated Products MAX772CSA Datasheet HTML 12Page - Maxim Integrated Products MAX772CSA Datasheet HTML 13Page - Maxim Integrated Products MAX772CSA Datasheet HTML 14Page - Maxim Integrated Products MAX772CSA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
______________________________________________________________________________________
11
GND
MAX773
C3
0.1
µF
VOUT
= 12V
V+
R4
63.4k
(1%)
R3
10k
(1%)
SGND
LBO
EXTH
8
5
7
6
EXTL
CS
V12
V15
V5
REF
LBI
SHDN
FB
2
14
1
10
4
13
12
11
9
RSENSE
N
Si9410DY
C4
C2
0.1
µF
VIN
L1
22
µH
D1
1N5817
100k
C1
R4 = R3
(
VTRIP
-1
)
VREF
MIN
NOMINAL MAX
10.6
11.0
11.4
VTRIP (V)
3
VREF = 1.5V
GND
MAX773
C3
0.1
µF
V+
EXTL
CS
V12
8
5
7
V5
FB
SGND
LBO
REF
LBI
SHDN
4
10
12
11
1
2
6
9
RSENSE
0.4
C4
150
µF
C2
0.1
µF
D1
1N5818
V15
14
EXTH
13
C1
47
µF
3
L1
150
µH
910
R1
34k
R2
510k
ZTX694B
VOUT = 24V
@ 30mA
VIN = 5V
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
GND
MAX773
C3
0.1
µF
V+
EXTL
CS
V5
8
7
6
V15
V12
SGND
LBO
REF
SHDN
FB
4
10
VIN = 5V
12
11
2
14
1
9
RSENSE
C4
C2
0.1
µF
D1
1N5817
EXTH
13
3
L1
22
µH
VOUT = 15V
LBI
N
Si9410DY
5
C1
GND
MAX773
C3
0.1
µF
V+
EXTL
CS
V5
8
5
7
V15
V12
LBO
REF
LBI
SHDN
4
VIN
12
11
2
14
1
9
RSENSE
C4
D1
1N5817
EXTH
13
3
L1
20
µH
VOUT = 16V
SGND
N
10
C1
C2
0.1
µF
FB 6
R2
133k
R1
13.7k
VOUT
VREF
R2 = (R1)
(
-1
)
VREF = 1.5V
Si9410DY
Figure 3a. 12V Preset Output, Bootstrapped, N-Channel
Power MOSFET
Figure 3b. 24V Output, Non-Bootstrapped, NPN Power
Transistor
Figure 3c. 15V Preset Output, Non-Bootstrapped N-Channel
Power MOSFET
Figure 3d. 16V Output, Bootstrapped, N-Channel
Power MOSFET


Similar Part No. - MAX772CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77231 MAXIM-MAX77231 Datasheet
916Kb / 10P
   2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
MAX77231 MAXIM-MAX77231 Datasheet
1Mb / 10P
   Output Factory-Trimmable from 11.2V to 16.2V
Rev 0; 1/16
MAX77231EVKIT MAXIM-MAX77231EVKIT Datasheet
1Mb / 10P
   Output Factory-Trimmable from 11.2V to 16.2V
Rev 0; 1/16
MAX77231EZL++ MAXIM-MAX77231EZL+ Datasheet
916Kb / 10P
   2.75V to 4.8V Input, 10mA Output, 35μVRMS Ultra-Low Noise Boost Regulator Ultra-Small Solution Size (< 7mm2)
Rev 2; 5/16
MAX77271 MAXIM-MAX77271 Datasheet
3Mb / 20P
   Multimode PA Step-Down Converter with Linear Bypass Mode
19-6508; Rev 0; 12/12
More results

Similar Description - MAX772CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com