Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX792MCPE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX792MCPE
Description  Microprocessor and Non-Volatile Memory Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX792MCPE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX792MCPE Datasheet HTML 6Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 7Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 8Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 9Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 10Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 11Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 12Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 13Page - Maxim Integrated Products MAX792MCPE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Microprocessor and Non-Volatile
Memory Supervisory Circuits
10
______________________________________________________________________________________
Low-Line Output
In internal threshold mode, the low-line comparator
monitors VCC with a threshold voltage typically 120mV
above the reset threshold, and with 15mV of hysteresis.
For normal operation (VCC above the reset threshold),
LOWLINE is pulled to VCC. Use LOWLINE to provide an NMI
to the µP, as described in the previous section, when
VCC begins to fall (Figure 4).
Reset Function
The MAX792/MAX820 provide both RESET and RESET
outputs. The RESET and RESET outputs ensure that the
µP powers up in a known state, and prevent code-exe-
cution errors during power-up, power-down, or
brownout conditions.
The reset function will be asserted during the following
conditions:
1) VCC less than the programmed reset threshold.
2) MR less than 1.30V typ.
3) Reset remains asserted for 200ms typ after VCC
rises above the reset threshold or after MR has
exceeded 1.30V typ.
When reset is asserted, all the internal counters are
reset, the watchdog output (WDO) and watchdog-pulse
output (WDPO) are set high, and the set watchdog-time-
out input (SWT) is set to (VCC - 0.6V) if it is not already
connected to VCC (for internal timeouts). The chip-
enable transmission gate is also disabled while reset is
asserted; the chip-enable input (CE IN) becomes high
impedance and the chip-enable output (CE OUT) is
pulled up to VCC.
MR
RESET
CE IN OV
CE OUT
25
µs MIN
12
µs TYP
15
µs TYP
Figure 2. Manual-Reset Timing Diagram
MAX792
MAX820
MANUAL RESET
OTHER
RESET
SOURCES
9
MR
*
*
*
.
.
.
DIODES NOT REQUIRED ON OPEN-DRAIN OUTPUTS
Figure 3. Diode "OR" connections allow multiple reset sources
to connect to MR.
MAX792
12
GND
3
VCC
LLIN/REFOUT
RESET
RESET
LOW LINE
RESET IN/INT
4
5
2
10
1
TO
µP
TO
µP
TO
µP NMI
VIN
Figure 4a. Connection for Internal Threshold Mode
MAX792
GND
VCC
TO
µP
TO
µP
TO
µP NMI
2
1
10
RESET IN/INT
LLIN/REFOUT
RESET
RESET
LOW LINE
12
VIN
R3 = 1.30V x VCC MAX
VLOW LINE x IMAX
R2 = 1.30V x VCC MAX
VRESET x IMAX
R3
R1 = VCC MAX
IMAX
– (R2 + R3)
IMAX = THE MAXIMUM DESIRED CURRENT
THROUGH THE VOLTAGE DIVIDED.
3
R3
R2
R1
Figure 4b. Connection for External Threshold Programming Mode


Similar Part No. - MAX792MCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792MJE MAXIM-MAX792MJE Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
More results

Similar Description - MAX792MCPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX792 MAXIM-MAX792_05 Datasheet
340Kb / 16P
   Microprocessor and Nonvolatile Memory Supervisory Circuits
Rev. 4; 11/05
logo
List of Unclassifed Man...
S-2210R ETC-S-2210R Datasheet
193Kb / 1P
   NON-VOLATILE MEMORY/NON-VOLATILE RAM
logo
ATMEL Corporation
AT90S1200 ATMEL-AT90S1200_14 Datasheet
1Mb / 71P
   Data and Non-volatile Program Memory
AT90LS4433 ATMEL-AT90LS4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90S4433 ATMEL-AT90S4433_14 Datasheet
1Mb / 126P
   Data and Non-volatile Program Memory
AT90PWM81 ATMEL-AT90PWM81_14 Datasheet
3Mb / 327P
   Data and non-volatile program memory
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com