Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX7861 Datasheet(PDF) 11 Page - CML Microcircuits

Part # CMX7861
Description  Digital Channel Filters
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX7861 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button CMX7861 Datasheet HTML 7Page - CML Microcircuits CMX7861 Datasheet HTML 8Page - CML Microcircuits CMX7861 Datasheet HTML 9Page - CML Microcircuits CMX7861 Datasheet HTML 10Page - CML Microcircuits CMX7861 Datasheet HTML 11Page - CML Microcircuits CMX7861 Datasheet HTML 12Page - CML Microcircuits CMX7861 Datasheet HTML 13Page - CML Microcircuits CMX7861 Datasheet HTML 14Page - CML Microcircuits CMX7861 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
CMX7861 FirmCODEC
® Programmable Baseband Interface
CMX7861
 2012 CML Microsystems Plc
Page 11
D/7861_FI-1.x/2
5
External Components
5.1
Xtal Interface
49
50
XTAL/CLK
XTALN
C1
DVSS
X1
C2
X1
For frequency range see
8.1.2 Operating Limits
C1
22pF typical
C2
22pF typical
Figure 3 Recommended External Components - Xtal Interface
Notes:
The clock circuit can operate with either a Xtal or external clock generator. If using an external clock
generator it should be connected to the XTAL/CLK pin and the Xtal and other components are not
required. For external clock generator frequency range see 8.1.2 Operating Limits. When using an
external clock generator the Xtal oscillator circuit may be disabled to save power, see 9.2.3 Program
Block 1
– Clock Control for details. Also refer to section 7.1 Xtal Frequency.
The tracks between the Xtal and the device pins should be as short as possible to achieve maximum
stability and best start up performance. It is also important to achieve a low impedance connection
between the Xtal capacitors and the ground plane.
The DVSS to the Xtal oscillator capacitors C1 and C2 should be of low impedance and preferably be part
of the DVSS ground plane to ensure reliable start up. For correct values of capacitors C1 and C2 refer to
the documentation of the Xtal used.
5.2
C-BUS Interface
54
57
IRQN
DVDD
56
55
53
CSN
CDATA
RDATA
SCLK
R2
R2
10k
 - 100k
Figure 4 Recommended External Components - C-BUS Interface
Note:
If the IRQN line is connected to other compatible pull-down devices only one pull-up resistor is required
on the IRQN node.


Similar Part No. - CMX7861

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
CMX7031 CMLMICRO-CMX7031 Datasheet
3Mb / 82P
   Full Audio-band Processing
CMX7032 CMLMICRO-CMX7032 Datasheet
628Kb / 5P
   Marine AIS data processor designed for Limiter-Discriminator based RF systems
CMX7042 CMLMICRO-CMX7042 Datasheet
628Kb / 5P
   Marine AIS data processor designed for Limiter-Discriminator based RF systems
CMX7045 CMLMICRO-CMX7045 Datasheet
1Mb / 36P
   AIS SART Formatted Data
More results

Similar Description - CMX7861

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
ELK-E333FA PANASONIC-ELK-E333FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
logo
Microchip Technology
AN540 MICROCHIP-AN540 Datasheet
132Kb / 17P
   Implementing IIR Digital Filters
1993 - 1995
logo
Texas Instruments
SN54LS297 TI-SN54LS297_07 Datasheet
513Kb / 15P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
SN54LS297 TI-SN54LS297 Datasheet
307Kb / 7P
[Old version datasheet]   DIGITAL PHASE-LOCKED-LOOP FILTERS
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500 Datasheet
468Kb / 10P
   Triple-Channel HDTV Filters
Rev 1; 11/05
logo
Faraday Technology
FB281 FARADAY-FB281 Datasheet
89Kb / 2P
   SATELLITE IF CHANNEL FILTERS
logo
Maxim Integrated Produc...
MAX9500 MAXIM-MAX9500_V01 Datasheet
755Kb / 9P
   Triple-Channel HDTV Filters
2007
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Nippon Precision Circui...
SM5872A NPC-SM5872A Datasheet
802Kb / 26P
   CMOS LSI(Digital D/A Converters with Built-in Digital Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com