Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M3G2803R312T Datasheet(PDF) 5 Page - International Rectifier

Part # M3G2803R312T
Description  28V Input, Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

M3G2803R312T Datasheet(HTML) 5 Page - International Rectifier

  M3G2803R312T_15 Datasheet HTML 1Page - International Rectifier M3G2803R312T_15 Datasheet HTML 2Page - International Rectifier M3G2803R312T_15 Datasheet HTML 3Page - International Rectifier M3G2803R312T_15 Datasheet HTML 4Page - International Rectifier M3G2803R312T_15 Datasheet HTML 5Page - International Rectifier M3G2803R312T_15 Datasheet HTML 6Page - International Rectifier M3G2803R312T_15 Datasheet HTML 7Page - International Rectifier M3G2803R312T_15 Datasheet HTML 8Page - International Rectifier M3G2803R312T_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.irf.com
5
M3G2803R312T
Notes: Electrical Performance Characteristics
1.
Parameter is tested as part of design characterization or after design changes. Thereafter, parameter
shall be guaranteed to the limits specified.
2.
Parameter verified during line and load regulation tests.
3.
Although operation with no load is permissible, light loading on the main output may cause the output
voltage of the auxiliary outputs to drop out of regulation. It is therefore recommended that at least 200mA
or 20 percent of the total output power, whichever is greater, be taken from the main output.
4.
Although operation with no load is permissible, heavy loading on the main output may cause the output
voltage of the auxiliary outputs to rise out of regulation. It is therefore recommended that at least 50mA
or 20 percent of the total output power, whichever is greater, be taken from the auxiliary (±12 volts)
output.
5.
Unless otherwise specified, “Rated” load is 13.2W on the main output and 10W each on the auxiliary
outputs.
6.
Guaranteed for a D.C. to 20MHz bandwidth. Tested using a 20KHz to 10MHz bandwidth.
7.
Capacitive load may be any value from 0 to the maximum limit without compromising dc performance. A
capacitive load in excess of the maximum limit may interfere with the proper operation of the converter’s
overload protection, causing erratic behavior during turn-on.
8.
Overload power dissipation is defined as the device power dissipation with the load set such that V
OUT =
90% of nominal.
9.
Load step transition time
≥ 10µs.
10. Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1% of
its steady state value.
11. Line step transition time
≥ 100µs.
12. Turn-on delay time from either a step application of input power or a logic low to a logic high transition on
the inhibit pin (pin 3) to the point where V
OUT = 90% of nominal.
13. Load is varied for output under test while the remaining outputs are loaded at 50% of rated. Regulation
relative to output voltage at 50% rated load.
14. Although operation at temperatures between +85°C and +125°C, is guaranteed, no parametric limits are
specified.


Similar Part No. - M3G2803R312T_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3G2803R312T IRF-M3G2803R312T Datasheet
144Kb / 10P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
M3G2803R312T IRF-M3G2803R312T Datasheet
181Kb / 13P
   HYBRID-HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - M3G2803R312T_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
M3GB2800T IRF-M3GB2800T_15 Datasheet
198Kb / 11P
   28V Input, Triple Output
M3GT IRF-M3GT_15 Datasheet
454Kb / 13P
   28V Input, Triple Output
M3G2803R305R4T IRF-M3G2803R305R4T_15 Datasheet
149Kb / 9P
   28V Input, Triple Output
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
S2800 IRF-S2800_15 Datasheet
138Kb / 9P
   28V Input, Single/Dual Output
M3GB2800S IRF-M3GB2800S_15 Datasheet
216Kb / 13P
   28V Input, Single/Dual Output
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com