Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8502 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8502
Description  Portable Electronics
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8502 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8502 Datasheet HTML 1Page - Analog Microelectronics AME8502 Datasheet HTML 2Page - Analog Microelectronics AME8502 Datasheet HTML 3Page - Analog Microelectronics AME8502 Datasheet HTML 4Page - Analog Microelectronics AME8502 Datasheet HTML 5Page - Analog Microelectronics AME8502 Datasheet HTML 6Page - Analog Microelectronics AME8502 Datasheet HTML 7Page - Analog Microelectronics AME8502 Datasheet HTML 8Page - Analog Microelectronics AME8502 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
AME
1
AME8502
Rev. A.01
µµµµµProcessor Supervisory
n
General Description
The AME8502 family allows the user to customize the
CPU reset function without any external components.
The user has a large choice of reset voltage thresholds,
reset time intervals, and output driver configurations, all
of which are preset at the factory. Each wafer is trimmed
to the customers specicications.
There circuits monitor the power supply voltage of
µP
based system. When the power supply voltage drops
below the voltage threshold a reset is asserted immedi-
ately (within an interval T
D1). The reset remains asserted
after the supply voltage rises above the voltage threshold
for a time interval, T
D2. The reset output may be either
active high (RESET) or active low (RESETB). The reset
output may be configured as push-pull. The state of the
reset output is guaranteed to be correct for supply volt-
ages greater than 0.9V.
n
Features
n
Application
l
Portable Electronics
l
Power Supplies
l
Computer Peripherals
l
Data Acquisition Systems
l
Applicatiions using CPUs
l
Consumer Electronics
l
Internally Fixed Threshold 1.2V to 4.5V in 0.1V
Step
l
High Accuracy 1.5%
l
Low Supply Current 3
µA
l
No External Components Required
l
Quick Reset within 20
µs
l
Built-in Recovery Delay Include 0ms, 55ms,
220ms, 450ms
l
Low Functional Supply Voltage 0.9V
l
Push-Pull Output
l
Small SOT-23, TSOT-23A, SOT-143, SC-70-4,
SOT-25 and TSOT-25A Package
l
RoHS Compliant and Halogen Free
n
Typical Application
±
n
Functional Block Diagram
VIN
GND
RESET /
RESETB
Processor
VIN
RESET
Input
GND
GND
Delay
VIN
R1
R2
I1
VREF
P1
N1
RESET/
RESETB


Similar Part No. - AME8502

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Similar Description - AME8502

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8504 AME-AME8504 Datasheet
363Kb / 17P
   Portable Electronics
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC_15 Datasheet
549Kb / 2P
   Protection in Portable Electronics
PG05DXTE6 KEC-PG05DXTE6_15 Datasheet
350Kb / 2P
   Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC_15 Datasheet
532Kb / 2P
   Protection in Portable Electronics
PG05GBUSV KEC-PG05GBUSV_15 Datasheet
37Kb / 2P
   Protection in Portable Electronics
PG05HBTS6 KEC-PG05HBTS6_15 Datasheet
399Kb / 2P
   Protection in Portable Electronics
PG05HXTS6 KEC-PG05HXTS6_15 Datasheet
587Kb / 2P
   Protection in Portable Electronics
PG15FBUSC KEC-PG15FBUSC_15 Datasheet
34Kb / 2P
   Protection in Portable Electronics
PG15GSUSC KEC-PG15GSUSC_15 Datasheet
34Kb / 2P
   Protection in Portable Electronics
PG24FBTS6 KEC-PG24FBTS6_15 Datasheet
399Kb / 2P
   Protection in Portable Electronics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com