Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX991 Datasheet(PDF) 9 Page - CML Microcircuits

Part # CMX991
Description  Two-mode demodulator
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX991 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button CMX991 Datasheet HTML 5Page - CML Microcircuits CMX991 Datasheet HTML 6Page - CML Microcircuits CMX991 Datasheet HTML 7Page - CML Microcircuits CMX991 Datasheet HTML 8Page - CML Microcircuits CMX991 Datasheet HTML 9Page - CML Microcircuits CMX991 Datasheet HTML 10Page - CML Microcircuits CMX991 Datasheet HTML 11Page - CML Microcircuits CMX991 Datasheet HTML 12Page - CML Microcircuits CMX991 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
RF Quadrature Transceiver / RF Quadrature Receiver
CMX991/CMX992
 2015 CML Microsystems Plc
9
D/991_992/20
Package
Q3
Pin No.
Pin Name
(CMX991)
Pin Name
(CMX992)
Signal
Type
Description
36
VDDIO
VDDIO
Power
Supply to C-BUS circuits
37
LNAON
LNAON
O/P
Control line to enable/disable Rx LNA
38
VCCSYNTH
VCCSYNTH
Power
Supply to IF integer N PLL
39
FREF
FREF
I/P
Reference frequency input
40
DOIF
DOIF
O/P
IF PLL charge pump output
41
VCOP
VCOP
I/P
IF PLL VCO positive input
42
VCON
VCON
I/P
IF PLL VCO negative input
43
VBIAS
VBIAS
O/P
Bandgap generated bias voltage
– measurement
output
44
TXQP
(Note 2)
NC
I/P
CMX991: TxQ positive input
NC
CMX992: Do not connect to this pin, reserved for
future use
45
TXQN
(Note 2)
NC
I/P
CMX991: TxQ negative input
NC
CMX992: Do not connect to this pin, reserved for
future use
46
TXIN
NC
I/P
CMX991: TxI negative input
NC
CMX992: Do not connect to this pin, reserved for
future use
47
TXIP
NC
I/P
CMX991: TxI positive input
NC
CMX992: Do not connect to this pin, reserved for
future use
48
TXIFOUT
NC
O/P
CMX991: Tx IF output
NC
CMX992: Do not connect to this pin, reserved for
future use
EXPOSED
METAL PAD
AGND
AGND
Power
The exposed metal pad must be electrically
connected to analogue ground
Total = 49 Pins (48 pins and central, exposed metal ground pad)
Table 1 Pin List
Notes:
1) I/P = Input
O/P = Output
T/S = 3-state
NC = Not Connected
2) In versions of the datasheet before D/991_992/13 these pins were incorrectly referenced as pin
44 = TXQN and pin 45 = TXQP causing a spectrum inversion at the modulator output.
3.1
Signal Definitions
Signal Name
Pins
Usage
AVDD
VCCIF, VCCRF, VCCSYNTH
Power supply for analogue circuits.
DVDD
DVDD
Power supply for digital circuits.
VDDIO
VDDIO
Power supply voltage for digital interface
(C-BUS).
VBIAS
VBIAS
Bandgap generated bias voltage used
as a reference for differential amplifier
stages. Decoupling is optional but, if
used, a capacitor of >200nF should be
connected between VBIAS and AVSS.
DVSS
DGND
Ground for digital circuits.
AVSS
AGND
Ground for analogue circuits.
Table 2 Definition of Power Supply and Reference Voltages


Similar Part No. - CMX991

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX990 CMLMICRO-CMX990 Datasheet
114Kb / 1P
   The Product Data Amendment series of documents
CMX993 CMLMICRO-CMX993 Datasheet
803Kb / 26P
   Programmable 30dB Output Gain Range
CMX994 CMLMICRO-CMX994 Datasheet
2Mb / 61P
   Local Oscillator
CMX998 CMLMICRO-CMX998 Datasheet
117Kb / 2P
   The Product Data Amendment series of documents
More results

Similar Description - CMX991

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8046 PHILIPS-TDA8046 Datasheet
245Kb / 48P
   Multi-mode QAM demodulator
1996 Nov 19
logo
XFMRS Inc.
XF0656F-C2-4S XFMRS-XF0656F-C2-4S Datasheet
63Kb / 2P
   COMMON MODE TWO PORT COMBO
XF0656F-C2-4S XFMRS-XF0656F-C2-4S_15 Datasheet
63Kb / 2P
   COMMON MODE TWO PORT COMBO
XF0656F-C2-4S XFMRS-XF0656F-C2-4S Datasheet
63Kb / 2P
   COMMON MODE TWO PORT COMBO
logo
Sanyo Semicon Device
STK311-120 SANYO-STK311-120 Datasheet
97Kb / 6P
   RDS Demodulator
logo
Motorola, Inc
MC92308 MOTOROLA-MC92308 Datasheet
57Kb / 4P
   OFDM Demodulator
logo
Analog Devices
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
ADL5387 AD-ADL5387_15 Datasheet
668Kb / 28P
   Quadrature Demodulator
REV. B
logo
NXP Semiconductors
TDA8042M PHILIPS-TDA8042M Datasheet
108Kb / 16P
   Quadrature demodulator
1997 Apr 11
logo
RF Micro Devices
RF2721 RFMD-RF2721 Datasheet
66Kb / 6P
   QUADRATURE DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com