Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5283 Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME5283
Description  Rectified Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5283 Datasheet(HTML) 2 Page - Analog Microelectronics

  AME5283 Datasheet HTML 1Page - Analog Microelectronics AME5283 Datasheet HTML 2Page - Analog Microelectronics AME5283 Datasheet HTML 3Page - Analog Microelectronics AME5283 Datasheet HTML 4Page - Analog Microelectronics AME5283 Datasheet HTML 5Page - Analog Microelectronics AME5283 Datasheet HTML 6Page - Analog Microelectronics AME5283 Datasheet HTML 7Page - Analog Microelectronics AME5283 Datasheet HTML 8Page - Analog Microelectronics AME5283 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AME
2
2A, 300KHz ~ 2MHz Synchronous
Rectified Step-Down Converter
AME5283
Rev. A.03
n Pin Configuration
SOP-8/PP
Top View
n Functional Block Diagram
AME5283-AZAADJ
1. COMP
2. SS
3. EN
4. IN
5. SW
6. FREQ
7. FB
8. PG
9. GND (Exposed Pad)
* Die Attach:
Conductive Epoxy
Note. Connect exposed pad (heat sink on the back) to GND.
DFN-8C
(3mmx3mmx0.75mm)
Top View
AME5283-AVAADJ
1. COMP
2. SS
3. EN
4. IN
5. SW
6. FREQ
7. FB
8. PG
9. GND (Exposed Pad)
* Die Attach:
Conductive Epoxy
OTP
+
+
-
SLOPE
OSC
ENABLE
UVLO
PWM
IN
SW
PGND
EN
FREQ
COMP
GND
FB
EA
CURRENT
SENSE
IRCMP
-
+
LOGIC
DRIVER
CURRENT
LIMIT
0.8V
Hiccup
SS
10uA
PG
PGOOD
UV
0.7V
0.4V
8
7
6
1
2
3
4
AME 5283
5
9
1
3
2
4
AME5283
5
6
7
8
9


Similar Part No. - AME5283

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
More results

Similar Description - AME5283

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5285 AME-AME5285 Datasheet
175Kb / 16P
   Rectified Step-Down Converter
AME5286 AME-AME5286 Datasheet
546Kb / 20P
   Rectified Step-Down Converter
AME5287 AME-AME5287 Datasheet
497Kb / 20P
   Rectified Step-Down Converter
AME5282 AME-AME5282 Datasheet
496Kb / 21P
   Rectified Step-Down Converter
AME5284 AME-AME5284 Datasheet
430Kb / 16P
   Rectified Step-Down Converter
logo
ARTSCHIP ELECTRONICS CO...
MP1482 ARTSCHIP-MP1482 Datasheet
2Mb / 10P
   Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482_17 Datasheet
233Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
P1484 UTC-P1484_17 Datasheet
254Kb / 5P
   SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Monolithic Power System...
MP1567 MPS-MP1567 Datasheet
302Kb / 11P
   1.2A Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2776B TECHCODE-TD2776B Datasheet
935Kb / 14P
   22V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com