Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMX631A Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX631A
Description  Low Power Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX631A Datasheet(HTML) 5 Page - CML Microcircuits

  CMX631A Datasheet HTML 1Page - CML Microcircuits CMX631A Datasheet HTML 2Page - CML Microcircuits CMX631A Datasheet HTML 3Page - CML Microcircuits CMX631A Datasheet HTML 4Page - CML Microcircuits CMX631A Datasheet HTML 5Page - CML Microcircuits CMX631A Datasheet HTML 6Page - CML Microcircuits CMX631A Datasheet HTML 7Page - CML Microcircuits CMX631A Datasheet HTML 8Page - CML Microcircuits CMX631A Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Low Voltage SPM Detector
CMX631A
© 1998 Consumer Microcircuits Limited
5
D/631A/1
3
External Components
Figure 2: Recommended External Components
R1
Note 1
RFEEDBACK
C1
1.0µF
±20%
R2
Note 1
RIN(-)
C2
1.0µF
±20%
R3
Note 1
RIN(+)
C3
CIN(-)
R4
Note 1
RBIAS
C4
CIN(+)
X1
Note 2, 3, 4
3.579545MHz
Table 2: Recommended External Components
Recommended External Component Notes:
1.
When calculating input gain components, for correct operation R1 and R4 should always be
≥ 33kΩ.
2.
For best results, a crystal oscillator design should drive the clock inverter input with signal levels of at
least 40% of VDD, peak to peak. Tuning fork crystals generally cannot meet this requirement. To obtain
crystal oscillator design assistance, consult your crystal manufacturer.
3.
The on-chip crystal circuitry includes a feedback resistor (nominally 2M
Ω) between pins 1 and 2 and
load capacitors on pins 1 and 2 (nominally 10pF each, excluding package and board parasitics).
4.
When using an external clock input, X1 should be removed, Pin 1 (Xtal/Clock) should be tied to VDD,
the Clock In and Clock Out jumper should be removed, and the external clock signal applied to Clock In.


Similar Part No. - CMX631A

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX635 CMLMICRO-CMX635 Datasheet
22Kb / 2P
   The Product Data Amendment series of documents
CMX639 CMLMICRO-CMX639 Datasheet
46Kb / 1P
   The Product Data Amendment series of documents
More results

Similar Description - CMX631A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516_14 Datasheet
354Kb / 13P
   Low Power CMOS Operation
AT27C256R ATMEL-AT27C256R_14 Datasheet
889Kb / 13P
   Low-power CMOS operation
AT27C4096 ATMEL-AT27C4096_14 Datasheet
797Kb / 13P
   Low-power CMOS operation
AT27C512R ATMEL-AT27C512R_14 Datasheet
801Kb / 13P
   Low-power CMOS operation
AT27C2048 ATMEL-AT27C2048_14 Datasheet
783Kb / 12P
   Low-power CMOS operation
AT27C010 ATMEL-AT27C010_14 Datasheet
790Kb / 13P
   Low-power CMOS operation
AT27C1024 ATMEL-AT27C1024_14 Datasheet
805Kb / 13P
   Low-power CMOS operation
AT27C020 ATMEL-AT27C020_14 Datasheet
843Kb / 14P
   Low-power CMOS operation
AT27C040 ATMEL-AT27C040_14 Datasheet
548Kb / 13P
   Low-power CMOS operation
AT27C080 ATMEL-AT27C080_14 Datasheet
792Kb / 13P
   Low-power CMOS operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com