Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX777LCPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX777LCPA
Description  Low-Voltage Input, 3V/3.3V/5V/ Adjustable Output, Step-Up DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX777LCPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX777LCPA Datasheet HTML 2Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 3Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 4Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 5Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 6Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 7Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 8Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 9Page - Maxim Integrated Products MAX777LCPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Low-Voltage Input, 3V/3.3V/5V/
Adjustable Output, Step-Up DC-DC Converters
6
_______________________________________________________________________________________
A: SHDN, 2V/div
B: VOUT, 1V/div
VOUT = 3V
MAX778L
START-UP TIME
A
B
10ms/div
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
NAME
FUNCTION
1
ILIM
Sets switch current-limit input. Connect to IN for 1A current limit. A resistor from ILIM to IN sets lower
peak inductor currents.
2
IN
Input from battery
3
AGND
Analog ground. Not internally connected to PGND.
PIN
4
PGND
Power ground. Must be low impedance; solder directly to ground plane or star ground. Connect to
AGND, close to the device.
5
LX
Collector of 1A NPN power switch and emitter of Active Rectifier PNP.
6
OUT
Voltage output. Connect filter capacitor close to pin.
7
SHDN
Shutdown input disables power supply when low. Also disconnects load from input. Threshold is set at
VIN/2.
8
N.C.
(MAX777L)
No connect—not internally connected.
SEL
(MAX778L)
Selects the main output voltage. 3.3V when hard-wired to AGND, 3.0V when left open.
______________________________________________________________Pin Description
FB
(MAX779L)
Feedback input for adjustable-output operation. Connect to an external voltage divider between VOUT
and AGND.


Similar Part No. - MAX777LCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX77714 MAXIM-MAX77714 Datasheet
2Mb / 20P
   Proven PCB Reference Design and Layout
Rev 0; 5/18
MAX77714EVKIT MAXIM-MAX77714EVKIT Datasheet
2Mb / 20P
   MAX77714 Multichannel MAX77714 Multichannel
319-100195; Rev 0; 5/18
MAX77714EVKIT# MAXIM-MAX77714EVKIT# Datasheet
2Mb / 20P
   MAX77714 Multichannel MAX77714 Multichannel
319-100195; Rev 0; 5/18
logo
Analog Devices
MAX77720 AD-MAX77720 Datasheet
2Mb / 52P
   Wide Output-Voltage Range, Dual- Polarity PMIC
19-101733; Rev 0; 9/23
More results

Similar Description - MAX777LCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX777 MAXIM-MAX777 Datasheet
215Kb / 3P
   Low-Voltage-Input, 3V/3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
8/93
MAX877 MAXIM-MAX877 Datasheet
128Kb / 12P
   5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
Rev 1; 5/94
MAX756 MAXIM-MAX756 Datasheet
111Kb / 8P
   3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
Rev. 2; 1/95
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX639 MAXIM-MAX639 Datasheet
166Kb / 12P
   5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters
Rev 3; 8/97
logo
Shenzhen Huazhimei Semi...
HM9228 HMSEMI-HM9228 Datasheet
951Kb / 10P
   3.3V~5V Input 24W Output Step-up DC/DC Converter
HM9226 HMSEMI-HM9226 Datasheet
579Kb / 10P
   3.3V~5V Input 12W Output Step-up DC/DC Converter
logo
Maxim Integrated Produc...
MAX752CWE MAXIM-MAX752CWE Datasheet
493Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
Rev 3; 3/96
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
   5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com