Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX754 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX754
Description  CCFL Backlight and LCD Contrast Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX754 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX754 Datasheet HTML 2Page - Maxim Integrated Products MAX754 Datasheet HTML 3Page - Maxim Integrated Products MAX754 Datasheet HTML 4Page - Maxim Integrated Products MAX754 Datasheet HTML 5Page - Maxim Integrated Products MAX754 Datasheet HTML 6Page - Maxim Integrated Products MAX754 Datasheet HTML 7Page - Maxim Integrated Products MAX754 Datasheet HTML 8Page - Maxim Integrated Products MAX754 Datasheet HTML 9Page - Maxim Integrated Products MAX754 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
6
_______________________________________________________________________________________
In Figure 1, the MAX758A, L1, and D5 form a voltage-
controlled switch-mode current source. The current out
of L1 is proportional to the voltage applied to the SS
pin. The MAX758A contains a current-mode pulse-
width-modulating buck regulator that switches at
170kHz. The voltage on the SS pin sets the switch cur-
rent limit and thus sets the current out of L1.
CCFL Current-Regulation Loop
Figure 3 shows a block diagram of the regulation loop,
which maintains a fixed CCFL average lamp current
despite changes in input voltage and lamp impedance.
This loop regulates the average value of the half-wave
rectified lamp current. The root mean square lamp cur-
rent is related to, but not equal to, the average lamp
current. Assuming a sinusoidal lamp current, select R8
as follows:
where VREF = 1.25V and ILAMP,RMS is the desired full-
scale root mean square lamp current.
R
V
I
REF
LAMP RMS
8
2
=
π
,
01
343
372
402
2
DAC CODE
ZERO SCALE
MID SCALE
FULL SCALE
3
14 15 16
29 30 31
753
782
811
1191
1221
1250
Figure 2. CCFT DAC Transfer Function
MAX754
MAX758A
CC
LOGIC AND
5-BIT COUNTER
5-BIT VOLTAGE
OUTPUT DAC
SWITCH-MODE
VOLTAGE CONTROLLED
CURRENT SOURCE
FULL-SCALE = 1.250V
HALF-SCALE = 0.782V
ZERO-SCALE = 0.343V
CFB
ERROR
AMPLIFIER
CON
CADJ
SS
C10
C5
R8
R18
IBUCK
CENTER-TAP
TRANSISTOR
EMITTERS
ROYER
OSCILLATOR
Figure 3. CCFL Tube Current-Regulation Loop


Similar Part No. - MAX754

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX754 MAXIM-MAX754 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
MAX7547 MAXIM-MAX7547 Datasheet
5Mb / 16P
   CMOS Parallel Loading Dual 12-Bit multiplying D/A COnverters
Rev 1; 7/95
MAX754C/D MAXIM-MAX754C/D Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
MAX754CPE MAXIM-MAX754CPE Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
MAX754CSE MAXIM-MAX754CSE Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
More results

Similar Description - MAX754

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
logo
Linear Technology
LT1182 LINER-LT1182_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184 LINER-LT1184_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1183 LINER-LT1183_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184F LINER-LT1184F_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1182 LINER-LT1182 Datasheet
409Kb / 24P
   CCFL/LCD Contrast Switching Regulators
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Micro Linear Corporatio...
ML4876 MICRO-LINEAR-ML4876 Datasheet
174Kb / 9P
   LCD Backlight Lamp Driver with Contrast
logo
Maxim Integrated Produc...
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com