Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX754ESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX754ESE
Description  CCFL Backlight and LCD Contrast Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX754ESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX754ESE Datasheet HTML 1Page - Maxim Integrated Products MAX754ESE Datasheet HTML 2Page - Maxim Integrated Products MAX754ESE Datasheet HTML 3Page - Maxim Integrated Products MAX754ESE Datasheet HTML 4Page - Maxim Integrated Products MAX754ESE Datasheet HTML 5Page - Maxim Integrated Products MAX754ESE Datasheet HTML 6Page - Maxim Integrated Products MAX754ESE Datasheet HTML 7Page - Maxim Integrated Products MAX754ESE Datasheet HTML 8Page - Maxim Integrated Products MAX754ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX753/MAX754 drive cold-cathode fluorescent
lamps (CCFLs) and provide the LCD backplane bias
(contrast) power for color or monochrome LCD panels.
These ICs are designed specifically for backlit note-
book-computer applications.
Both the backplane bias and the CCFL supply can be
shut down independently. When both sections are shut
down, supply current drops to 25µA. The LCD contrast
and CCFL brightness can be adjusted by clocking sep-
arate digital inputs or using external potentiometers.
LCD contrast and backlight brightness settings are pre-
served in their respective counters while in shutdown.
On power-up, the LCD contrast counter and CCFL
brightness counter are set to one-half scale.
The ICs are powered from a regulated 5V supply. The
magnetics are connected directly to the battery, for
maximum power efficiency.
The CCFL driver uses a Royer-type resonant architec-
ture. It can provide from 100mW to 6W of power to one
or two tubes. The MAX753 provides a negative LCD
bias voltage; the MAX754 provides a positive LCD bias
voltage.
________________________Applications
Notebook Computers
Palmtop Computers
Pen-Based Data Systems
Personal Digital Assistants
Portable Data-Collection Terminals
____________________________Features
o Drives Backplane and Backlight
o 4V to 30V Battery Voltage Range
o Low 500µA Supply Current
o Digital or Potentiometer Control of CCFL
Brightness and LCD Bias Voltage
o Negative LCD Contrast (MAX753)
o Positive LCD Contrast (MAX754)
o Independent Shutdown of Backlight and
Backplane Sections
o 25µA Shutdown Supply Current
______________Ordering Information
* Contact factory for dice specifications.
CCFL Backlight and
LCD Contrast Controllers
________________________________________________________________
Maxim Integrated Products
1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LFB
BATT
LX
LDRV
CON
LON
LADJ
VDD
MAX753
MAX754
PGND
CDRV
CS
CC
CFB
REF
GND
CADJ
DIP/SO
TOP VIEW
__________________Pin Configuration
Call toll free 1-800-998-8800 for free samples or literature.
19-0197; Rev 1; 1/95
PART
TEMP. RANGE
MAX753CPE
0°C to +70°C
MAX753CSE
0°C to +70°C
MAX753C/D
0°C to +70°C
Dice*
16 Narrow SO
16 Plastic DIP
PIN-PACKAGE
MAX753EPE
-40°C to +85°C
MAX753ESE
-40°C to +85°C
16 Narrow SO
16 Plastic DIP
MAX754CPE
0°C to +70°C
MAX754CSE
0°C to +70°C
MAX754C/D
0°C to +70°C
Dice*
16 Narrow SO
16 Plastic DIP
MAX754EPE
-40°C to +85°C
MAX754ESE
-40°C to +85°C
16 Narrow SO
16 Plastic DIP
Block Diagram located at end of data sheet.


Similar Part No. - MAX754ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX754ESE MAXIM-MAX754ESE Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
More results

Similar Description - MAX754ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
logo
Linear Technology
LT1182 LINER-LT1182_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184 LINER-LT1184_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1183 LINER-LT1183_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184F LINER-LT1184F_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1182 LINER-LT1182 Datasheet
409Kb / 24P
   CCFL/LCD Contrast Switching Regulators
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Micro Linear Corporatio...
ML4876 MICRO-LINEAR-ML4876 Datasheet
174Kb / 9P
   LCD Backlight Lamp Driver with Contrast
logo
Maxim Integrated Produc...
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com