Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDC1011PW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TDC1011PW
Description  TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDC1011PW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TDC1011PW Datasheet HTML 5Page - Texas Instruments TDC1011PW Datasheet HTML 6Page - Texas Instruments TDC1011PW Datasheet HTML 7Page - Texas Instruments TDC1011PW Datasheet HTML 8Page - Texas Instruments TDC1011PW Datasheet HTML 9Page - Texas Instruments TDC1011PW Datasheet HTML 10Page - Texas Instruments TDC1011PW Datasheet HTML 11Page - Texas Instruments TDC1011PW Datasheet HTML 12Page - Texas Instruments TDC1011PW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C011
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C012
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C009
0
2
4
6
8
10
12
14
16
18
20
Time (ps)
C010
10k
100k
1M
10M
±30
±20
±10
0
10
20
30
Frequency (Hz)
C007
10k
100k
1M
10M
±30
±20
±10
0
10
20
30
Frequency (Hz)
C008
TDC1011
www.ti.com
SNAS662 – JULY 2015
Typical Characteristics (continued)
At TA = 25°C, unless otherwise noted.
VDD = VIO = 3.7V
Capacitive
RL = 100kΩ
VDD = VIO = 3.7V
Gain of 21dB
RL = 100kΩ
Feedback Mode
CIN = 300 pF
Figure 8. LNA Gain vs Frequency
Figure 9. PGA Gain vs Frequency
VDD = VIO = 5V
LNA Capacitive
PGA Gain of 6dB
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
Feedback Mode
Feedback Mode
VIN = 100mV
fIN = 1MHz
VIN = 100mV
fIN = 1MHz
(See Figure 14)
Count >= 10000
TA = 25C°
(See Figure 14)
Count >= 10000
Figure 10. RX Jitter Histogram
Figure 11. RX Jitter Histogram
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
VDD = VIO = 3.7V
LNA Capacitive
PGA Gain of 6dB
Feedback Mode
Feedback Mode
VIN = 100mV
fIN = 1MHz
VIN = 100mV
fIN = 1MHz
TA = -40C°
(See Figure 14)
Count >= 10000
TA = 125C°
(See Figure 14)
Count >= 10000
Figure 12. RX Jitter Histrogam
Figure 13. RX Jitter Histogram
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TDC1011


Similar Part No. - TDC1011PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWQ1 TI-TDC1011QPWQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1011QPWRQ1 TI-TDC1011QPWRQ1 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
More results

Similar Description - TDC1011PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Texas Instruments
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
ams AG
AS7000 AMSCO-AS7000 Datasheet
1Mb / 92P
   The AS7000 device provides a flexible analog front end for light sensing applications
logo
Texas Instruments
MSP430FR6047 TI1-MSP430FR6047_18 Datasheet
2Mb / 187P
[Old version datasheet]   Ultrasonic Sensing MSP430 Microcontrollers for Water?멝etering Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com