Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA900 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PGA900
Description  PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA900 Datasheet(HTML) 11 Page - Texas Instruments

Back Button PGA900 Datasheet HTML 7Page - Texas Instruments PGA900 Datasheet HTML 8Page - Texas Instruments PGA900 Datasheet HTML 9Page - Texas Instruments PGA900 Datasheet HTML 10Page - Texas Instruments PGA900 Datasheet HTML 11Page - Texas Instruments PGA900 Datasheet HTML 12Page - Texas Instruments PGA900 Datasheet HTML 13Page - Texas Instruments PGA900 Datasheet HTML 14Page - Texas Instruments PGA900 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 138 page
background image
615 ±  G%
ENOB
6.02

(1)
PGA900
www.ti.com
SLDS209A – JANUARY 2015 – REVISED MAY 2015
P Gain (Chopper Stabilized) (continued)
over operating free-air temperature range at VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency response(1)
Gain = 400 V/V, <1 kHz
±0.1
%V/V
Depends
on
selected
gain,
Common mode voltage range
V
bridge
supply and
sensor
span (2)
Common mode rejection ratio
FCM= 50 Hz at Gain = 5 V/V
110
dB
Input impedance
10
M
Ω
(2)
Common Mode at P Gain Input and Output has two constraints:
(a) The single-ended voltage of positive/negative pin at the P Gain input should be between 0.3 and 1.8 V.
(b) The single-ended voltage of positive/negative pin at the P Gain output should be between 0.1 and 2 V.
6.14 P Analog-to-Digital Converter
over operating free-air temperature range at VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Sigma delta modulator frequency
1
MHz
ADC voltage input range
–2.5
2.5
V
Number of bits
24
bits
VINPP=VINPN, including gain
noise, ADC reference noise, ADC
thermal noise, and ADC
quantization noise, sampling rate =
ENOB(1)
128 µs, across temperature
PGAIN= 5 V/V
15
bits
PGAIN= 400 V/V
11
bits
ADC 2's complement code for –2.5-
2's complement
800000hex
V differential input
ADC 2's complement code for 0-V
000000hex
differential input
ADC 2's complement code for 2.5-V
7FFFFFhex
differential input
Sample period control bit = 0b0
64
Output sample period
µs
Sample period control bit = 0b1
128
Sample interrupt control bit = 0b0
1
Output sample interrupt
samples
Sample interrupt control bit = 0b1
4
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: PGA900


Similar Part No. - PGA900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA900 TI1-PGA900 Datasheet
1Mb / 137P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900 TI1-PGA900 Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
PGA900ARHHR TI1-PGA900ARHHR Datasheet
1Mb / 137P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900ARHHR TI1-PGA900ARHHR Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
PGA900ARHHT TI1-PGA900ARHHT Datasheet
1Mb / 137P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
More results

Similar Description - PGA900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA900 TI1-PGA900 Datasheet
1Mb / 137P
[Old version datasheet]   PGA900 Programmable Resistive Sensing Conditioner with Digital and Analog Outputs
PGA900 TI1-PGA900_18 Datasheet
2Mb / 141P
[Old version datasheet]   Programmable Resistive Sensing Conditioner With Digital and Analog Outputs
logo
List of Unclassifed Man...
50.5 ETC2-50.5 Datasheet
976Kb / 2P
   Digital and analog outputs
413101 ETC2-413101 Datasheet
601Kb / 12P
   Visible Light Detector with Analog and Digital Outputs
logo
Renesas Technology Corp
ZSSC4132 RENESAS-ZSSC4132 Datasheet
276Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
ZSSC4132 RENESAS-ZSSC4132_V01 Datasheet
291Kb / 4P
   Automotive Resistive Sensor Signal Conditioner with LIN Interface
May.19.22
logo
ams AG
AS5043 AMSCO-AS5043 Datasheet
626Kb / 26P
   PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
AS5043 AMSCO-AS5043_1 Datasheet
725Kb / 36P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
AS5043 AMSCO-AS5043_09 Datasheet
1Mb / 37P
   Programmable 360 Magnetic Angle Encoder with Absolute SSI and Analog Outputs
logo
Renesas Technology Corp
ZSSC4169 RENESAS-ZSSC4169 Datasheet
337Kb / 3P
   Automotive Resistive Sensor Signal Conditioner with SENT Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com