Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX770CPA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX770CPA
Description  5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX770CPA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX770CPA Datasheet HTML 2Page - Maxim Integrated Products MAX770CPA Datasheet HTML 3Page - Maxim Integrated Products MAX770CPA Datasheet HTML 4Page - Maxim Integrated Products MAX770CPA Datasheet HTML 5Page - Maxim Integrated Products MAX770CPA Datasheet HTML 6Page - Maxim Integrated Products MAX770CPA Datasheet HTML 7Page - Maxim Integrated Products MAX770CPA Datasheet HTML 8Page - Maxim Integrated Products MAX770CPA Datasheet HTML 9Page - Maxim Integrated Products MAX770CPA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5V/12V/15V or Adjustable, High-Efficiency,
Low IQ, Step-Up DC-DC Controllers
6
_______________________________________________________________________________________
VIN = 2.9V, IOUT = 0.9A
A: EXT VOLTAGE, 5V/div
B: INDUCTOR CURRENT 1A/div
C: VOUT RIPPLE 100mV/div, AC-COUPLED
MAX770
HEAVY-LOAD SWITCHNG WAVEFORMS
20
µs/div
VOUT
0
A
ILIM
ILIM
2
B
C
0
V+ = 3V, IOUT = 165mA
A: EXT VOLTAGE, 5V/div
B: INDUCTOR CURRENT, 1A/div
C: VOUT RIPPLE 100mV/div, AC-COUPLED
MAX770
LIGHT-LOAD SWITCHING WAVEFORMS
20
µs/div
0
B
A
C
ILIM
2
IOUT = 0.7A
A: VIN, 2.7V TO 4.5V, 2V/div
B: VOUT RIPPLE, 100mV/div, AC-COUPLED
MAX770
LINE-TRANSIENT RESPONSE
A
B
4.5V
2.7V
0
2ms/div
VIN = 3V
A: LOAD CURRENT 0.5A/div (0A to 1A)
B: VOUT RIPPLE, 100mV/div, AC-COUPLED
MAX770
LOAD-TRANSIENT RESPONSE
2ms/div
A
B
0
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2a, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX770CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
   關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705C/D MAXIM-MAX7705C/D Datasheet
69Kb / 8P
   關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705CPA MAXIM-MAX7705CPA Datasheet
69Kb / 8P
   關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705CSA MAXIM-MAX7705CSA Datasheet
69Kb / 8P
   關P Power-Supply Monitor with Reset
Rev 0; 6/93
MAX7705EPA MAXIM-MAX7705EPA Datasheet
69Kb / 8P
   關P Power-Supply Monitor with Reset
Rev 0; 6/93
More results

Similar Description - MAX770CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX774 MAXIM-MAX774 Datasheet
163Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-DC Controllers
Rev 1; 3/94
MAX775CSA-T MAXIM-MAX775CSA-T Datasheet
312Kb / 16P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
Rev 2; 12/02
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
MAX764 MAXIM-MAX764 Datasheet
132Kb / 12P
   -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ DC-DC Inverters
Rev 0; 6/94
MAX1771 MAXIM-MAX1771 Datasheet
195Kb / 16P
   12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller
19-0263; Rev 1; 7/95
MAX1649 MAXIM-MAX1649 Datasheet
167Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
19-0305; Rev 2; 9/95
MAX1649 MAXIM-MAX1649_09 Datasheet
223Kb / 12P
   5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
Rev 3; 3/09
MAX1626 MAXIM-MAX1626 Datasheet
185Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
19-1075; Rev 0; 6/96
MAX1626 MAXIM-MAX1626_V01 Datasheet
383Kb / 16P
   5V/3.3V or Adjustable, 100% Duty-Cycle, High-Efficiency, Step-Down DC-DC Controllers
2015
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com