Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6479BL30AD3 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6479BL30AD3
Description  300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6479BL30AD3 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6479BL30AD3 Datasheet HTML 1Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 2Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 3Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 4Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 5Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 6Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 7Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 8Page - Maxim Integrated Products MAX6479BL30AD3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
300mA LDO Linear Regulators with Internal
Microprocessor Reset Circuit
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (VOUT + 0.5V) or +2.5V, whichever is greater, COUT = 3.3µF, TA = -40°C to +85°C. Typical specifications are at TA = +25°C,
unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IOUT = 50mA
23
32
IOUT = 150mA
55
90
VOUT = +3.3V
(fixed output operation)
IOUT = 300mA
114
180
IOUT = 50mA
25
40
IOUT = 150mA
61
100
VOUT = +3.0V
(fixed output operation)
IOUT = 300mA
114
190
IOUT = 50mA
26
50
IOUT = 150mA
65
110
VOUT = +2.8V
(fixed output operation)
IOUT = 300mA
137
210
IOUT = 50mA
30
60
IOUT = 150mA
75
150
Dropout Voltage
(Notes 3, 4)
∆VDO
VOUT = +2.5V
(fixed output operation)
IOUT = 300mA
158
250
mV
Output Current Limit
VIN
≥ 2.5V (Note 3)
450
mA
Input Reverse Leakage Current
(OUT to IN Leakage Current)
VIN = 4V, VOUT = 5.5V, SHDN deasserted
0.01
1.5
µA
Startup Time Response
Rising edge of VIN or SHDN to VOUT
within specification, RL = 68
Ω, SET = GND,
IOUT = 10mA
20
µs
SHDN Input Low Voltage
VIL
0.3
× VIN
V
SHDN Input High Voltage
VIH
0.7
× VIN
V
SHDN Input Current
SHDN = VIN or GND
-1
0.1
+1
µA
Thermal-Shutdown Temperature
TSHDN
180
°C
Thermal-Shutdown Hysteresis
∆TSHDN
20
°C
Line Regulation
VOUT = 1.5V, 2.5V
≤ VIN ≤ 5.5V,
IOUT = 10mA
0.09
%/V
Load Regulation
VOUT = 1.5V, VIN = 2.5V, 1mA
≤ IOUT
150mA
0.2
%
MAX6469–MAX6476
150
Output Voltage Noise
10Hz to 100kHz,
CIN = 0.1µF,
IOUT = 100mA,
VOUT = 1.5V
MAX6477–MAX6484
75
µVRMS
RESET CIRCUIT
MAX64_ _ _ _ _ _ A
90
92.5
95
VOUT Reset Threshold
(VFB for MAX6475/MAX6476/
MAX6483/MAX6484) (Note 5)
VTHOUT
MAX64_ _ _ _ _ _ B
85
87.5
90
%VOUT
VOUT to Reset Delay
(VFB for MAX6475/MAX6476/
MAX6483/MAX6484)
35
µs
D1
2.5
3.75
5.0
D2
20
30
40
D3
150
225
300
Reset Timeout Period
(Note 6)
tRP
D4
1200
1800
2400
ms


Similar Part No. - MAX6479BL30AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6470 MAXIM-MAX6470 Datasheet
122Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX6470EVKIT MAXIM-MAX6470EVKIT Datasheet
122Kb / 4P
   Evaluation Kit
Rev 0; 9/02
MAX6470TA_D_-T MAXIM-MAX6470TA_D_-T Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6470UT_D_-T MAXIM-MAX6470UT_D_-T Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6476 MAXIM-MAX6476 Datasheet
122Kb / 4P
   Evaluation Kit
Rev 0; 9/02
More results

Similar Description - MAX6479BL30AD3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6349THUT MAXIM-MAX6349THUT Datasheet
434Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 3; 3/04
MAX6329 MAXIM-MAX6329 Datasheet
237Kb / 11P
   150mA, SOT23, Low-Dropout Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 4/01
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258_06 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with 關P Reset
logo
Maxim Integrated Produc...
MAX8633 MAXIM-MAX8633 Datasheet
289Kb / 13P
   Dual 300mA Pin-Programmable LDO Linear Regulators
19-0516; Rev 1; 9/08
logo
Analog Microelectronics
AME1300 AME-AME1300 Datasheet
140Kb / 12P
   300mA CMOS LDO with RESET Function
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com