Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCX8193 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NCX8193
Description  Audio jack detection and configuration with false detection prevention
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NCX8193 Datasheet(HTML) 1 Page - NXP Semiconductors

  NCX8193_15 Datasheet HTML 1Page - NXP Semiconductors NCX8193_15 Datasheet HTML 2Page - NXP Semiconductors NCX8193_15 Datasheet HTML 3Page - NXP Semiconductors NCX8193_15 Datasheet HTML 4Page - NXP Semiconductors NCX8193_15 Datasheet HTML 5Page - NXP Semiconductors NCX8193_15 Datasheet HTML 6Page - NXP Semiconductors NCX8193_15 Datasheet HTML 7Page - NXP Semiconductors NCX8193_15 Datasheet HTML 8Page - NXP Semiconductors NCX8193_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The NCX8193 is an advanced audio jack accessory detector and controller.
It supports 3-pole and 4-pole connectors and detects the insertion of plugs into jacks
using a fault detection technique. An internal microphone bias line switch allows a codec
or application processor to control the audio jack configuration. The device supports a
broad variety of after-market headphones.
2.
Features and benefits
Fail-safe headset and headphone detection
Low-power standby mode
Click free switching
Low THD and noise microphone pass through channel
Send/End button detection
Low ON resistance: 0.9
 (typical) at a supply voltage of 2.8 V
ESD protection:
HBM JEDEC JDS-001 Class 3B exceeds 8 kV
Operating ambient temperature
40C to +85C
3.
Applications
Headphones with integrated microphone and remote control buttons
4.
Ordering information
5.
Marking
NCX8193
Audio jack detection and configuration with false detection
prevention
Rev. 2 — 21 November 2014
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NCX8193GU
40 C to +85 C
XQFN10
plastic, extremely thin quad flat package; no leads;
10 terminals; body 1.8
 1.4  0.5 mm
SOT1160-2
Table 2.
Marking codes
Type number
Marking code
NCX8193GU
q8


Similar Part No. - NCX8193_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NCX8200 PHILIPS-NCX8200_15 Datasheet
669Kb / 14P
   Audio jack configuration switch matrix
Rev. 1-15 May 2015
More results

Similar Description - NCX8193_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FSA8008A ONSEMI-FSA8008A Datasheet
144Kb / 8P
   Audio Jack Detection and Configuration Switch
December, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FSA8008A FAIRCHILD-FSA8008A Datasheet
641Kb / 3P
   Audio Jack Detection and Configuration Switch
FSA8058 FAIRCHILD-FSA8058 Datasheet
831Kb / 8P
   Audio Jack Detection and Configuration Switch with Moisture Sensing
logo
ON Semiconductor
FSA8049 ONSEMI-FSA8049 Datasheet
774Kb / 10P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
August 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FSA8049UCX FAIRCHILD-FSA8049UCX Datasheet
1Mb / 5P
   Audio Jack Detection and Configuration, MIC / GND Cross Point Switch
logo
Texas Instruments
TS3A227E TI1-TS3A227E Datasheet
1Mb / 59P
[Old version datasheet]   Autonomous Audio Accessory Detection and Configuration Switch
logo
Fairchild Semiconductor
FSA8108 FAIRCHILD-FSA8108 Datasheet
753Kb / 5P
   Audio Jack Detection and Configuration Switch, Supports Volume Up/Down & Send/End Keys
logo
ON Semiconductor
FSA8069 ONSEMI-FSA8069 Datasheet
571Kb / 18P
   Audio Jack IC Featuring Impedance and Moisture Detection
February 2015 Rev. 1.3
logo
Fairchild Semiconductor
FSA8029 FAIRCHILD-FSA8029 Datasheet
478Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
FSA8009 FAIRCHILD-FSA8009 Datasheet
476Kb / 3P
   Audio Jack Send / End Detection with MIC / Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com