Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX754CSE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX754CSE
Description  CCFL Backlight and LCD Contrast Controllers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX754CSE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX754CSE Datasheet HTML 6Page - Maxim Integrated Products MAX754CSE Datasheet HTML 7Page - Maxim Integrated Products MAX754CSE Datasheet HTML 8Page - Maxim Integrated Products MAX754CSE Datasheet HTML 9Page - Maxim Integrated Products MAX754CSE Datasheet HTML 10Page - Maxim Integrated Products MAX754CSE Datasheet HTML 11Page - Maxim Integrated Products MAX754CSE Datasheet HTML 12Page - Maxim Integrated Products MAX754CSE Datasheet HTML 13Page - Maxim Integrated Products MAX754CSE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
10
______________________________________________________________________________________
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Strike Voltage (VS)
VS,RMS
1100
1500
VRMS
Discharging Tube Current (IL)
ILAMP,RMS
0.001376
0.005
ARMS
Discharging Tube Voltage (VL)
VLAMP,RMS
435
VRMS
Bias Voltage
VLCD
16.3
32.6
V
Output Current
ILCD
0.0245
A
T1 Turns Ratio (Sec/Pri) (Note 2)
n
171
T1 Resonating Inductance (Note 2)
LMAG
0.000045
H
C9 Value (Note 3)
CRES
2.2E-07
F
C10 Value
CBAL
1.5E-11
F
Royer Frequency
w
317820.86
rad/s
Reference Voltage
VREF
1.25
V
Second Volts Constant
sV
0.000008
2.4E-05
sV
R8 Current-Sensing Resistor
R8
555.36037
Secondary Voltage Phase vs. Tube Voltage
phi
-1.1776341
Radian
Secondary Limit Voltage
VLIM
1350
VRMS
T1 Center-Tap Limit Peak Voltage
11.164844
VPEAK
R5/R6
ROTP,RATIO
0.1341944
Ω/Ω
VIN(min) Full-Load Switching Period
TFL
1.639E-06
s
L2 Inductance
L2
1.96E-05
2.4E-05
H
L2 Peak Currrent
1.22704
A
R4/R3
RLCD,RATIO
0.0398724
Ω/Ω
Input Voltage
VIN
5.978103
18
V
Table 2. CCFL Circuit Design Example (Note 1)
T1 Center-Tap Peak Voltage
VTAP,PK
9.3903817
VPEAK
Note 1:
To perform your own calculations for the parameters given in Table 2 (Design Example), use the equations given in Table
3 (Design Equations).
Note 2:
T1 = Sumida’s EPS207
Note 3:
C9 = Wima’s SMD 7.3 __/63
CCFL Specifications
LCD Contrast Voltage Specifications
Royer Specifications
MAX754 Specifications
CCFL Circuit Calculations
LCD Circuit Calculations
Application Circuit Operating Range


Similar Part No. - MAX754CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX754CSE MAXIM-MAX754CSE Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
More results

Similar Description - MAX754CSE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX753 MAXIM-MAX753_V01 Datasheet
433Kb / 16P
   CCFL Backlight and LCD Contrast Controllers
1995
logo
Linear Technology
LT1182 LINER-LT1182_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184 LINER-LT1184_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1183 LINER-LT1183_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1184F LINER-LT1184F_15 Datasheet
340Kb / 24P
   CCFL/LCD Contrast Switching Regulators
LT1182 LINER-LT1182 Datasheet
409Kb / 24P
   CCFL/LCD Contrast Switching Regulators
logo
Maxim Integrated Produc...
MAX1739 MAXIM-MAX1739 Datasheet
444Kb / 26P
   Wide Brightness Range CCFL Backlight Controllers
Rev 1; 3/01
logo
Micro Linear Corporatio...
ML4876 MICRO-LINEAR-ML4876 Datasheet
174Kb / 9P
   LCD Backlight Lamp Driver with Contrast
logo
Maxim Integrated Produc...
MAX1895 MAXIM-MAX1895 Datasheet
1Mb / 31P
   High-Efficiency, Wide Brightness Range, CCFL Backlight Controllers
Rev 1; 10/02
logo
Analog Microelectronics
AME9001 AME-AME9001 Datasheet
370Kb / 27P
   CCFL BACKLIGHT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com