Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX5L2750C Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NX5L2750C
Description  Analog switch with negative swing audio capability
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX5L2750C Datasheet(HTML) 2 Page - NXP Semiconductors

  NX5L2750C_15 Datasheet HTML 1Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 2Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 3Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 4Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 5Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 6Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 7Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 8Page - NXP Semiconductors NX5L2750C_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NX5L2750C
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 7 May 2014
2 of 16
NXP Semiconductors
NX5L2750C
Analog switch with negative swing audio capability
4.
Ordering information
5.
Marking
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
NX5L2750CGU
40 C to +85 C
XQFN10
plastic, extremely thin quad flat package; no leads;
10 terminals; body 1.40
 1.80  0.50 mm
SOT1160-1
Table 2.
Marking
Type number
Marking code
NX5L2750CGU
LA
Fig 1.
Logic symbol
001aaj085
1Z
1S
1Y0
1Y1
2Z
2S
2Y0
2Y1
Fig 2.
Pin configuration SOT1160-1 (XQFN10)


Similar Part No. - NX5L2750C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
   Analog switch with negative swing audio capability
Rev.2.1-12February2020
NX5L2750CGUX NXP-NX5L2750CGUX Datasheet
238Kb / 16P
   Analog switch with negative swing audio capability
Rev.2.1-12February2020
More results

Similar Description - NX5L2750C_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
   Analog switch with negative swing audio capability
Rev.2.1-12February2020
logo
Pericom Semiconductor C...
PI3A268C PERICOM-PI3A268C Datasheet
282Kb / 9P
   Low-Voltage Dual-SPDT Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750 Datasheet
177Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
ON Semiconductor
NLAS2750 ONSEMI-NLAS2750 Datasheet
152Kb / 8P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
September, 2013 ??Rev. 0
logo
Vishay Siliconix
DG2750DN-T1-E4 VISHAY-DG2750DN-T1-E4 Datasheet
193Kb / 9P
   Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
Rev. C, 22-Mar-10
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269 Datasheet
97Kb / 2P
   Low-Voltage Dual-SPDT (0.4ohm) Analog Switch with Negative Swing Audio Capability
logo
Vishay Siliconix
DG2750 VISHAY-DG2750_V01 Datasheet
165Kb / 9P
   0.45 ?? Low Voltage Dual SPDT Analog Switch with Negative Swing Audio Capability
08-Feb-17
logo
Will Semiconductor Ltd.
WAS4761Q WILLSEMI-WAS4761Q Datasheet
367Kb / 9P
   Dual SPST Analog Switch with Negative Swing Audio Capability and 12V Tolerance
logo
Fairchild Semiconductor
FSA2269 FAIRCHILD-FSA2269_08 Datasheet
409Kb / 2P
   Low-Voltage Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
FSA2270T FAIRCHILD-FSA2270T_08 Datasheet
410Kb / 2P
   Low-Voltage, Dual-SPDT (0.4廓) Analog Switch with Negative Swing Audio Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com