Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA225AIDGKT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA225AIDGKT
Description  36-V, Programmable-Gain, Voltage-Output, Bidirectional, Zero-Drift Series,Current-Shunt Monitor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA225AIDGKT Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA225AIDGKT Datasheet HTML 5Page - Texas Instruments INA225AIDGKT Datasheet HTML 6Page - Texas Instruments INA225AIDGKT Datasheet HTML 7Page - Texas Instruments INA225AIDGKT Datasheet HTML 8Page - Texas Instruments INA225AIDGKT Datasheet HTML 9Page - Texas Instruments INA225AIDGKT Datasheet HTML 10Page - Texas Instruments INA225AIDGKT Datasheet HTML 11Page - Texas Instruments INA225AIDGKT Datasheet HTML 12Page - Texas Instruments INA225AIDGKT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
55
60
65
70
75
80
85
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C016
200
250
300
350
400
450
500
550
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
VS = 36V
VS = 5V
VS = 2.7V
C017
±20
0
20
40
60
80
100
120
140
0
5
10
15
20
25
30
35
40
Common-Mode Voltage (V)
C014
I
B+, IB-, VREF = 0V
I
B+, IB-, VREF = 2.5V
±10
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
Common-Mode Voltage (V)
C015
I
B+, IB-, VREF=0V
0
2
4
6
8
10
12
14
16
18
20
Current (mA)
- 40
SC
25
SC
125
SC
C013
GND +1
GND
GND +3
Vs
(Vs) -1
(Vs) -3
(Vs) -2
GND +2
0
10
20
30
40
50
60
70
80
90
100
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C038
Unidirectional, G = 200
Unidirectional, G = 100
Unidirectional, G = 50
Unidirectional, G = 25
Bidirectional, All Gains
INA225
www.ti.com
SBOS612A – FEBRUARY 2014 – REVISED MARCH 2014
Typical Characteristics (continued)
At TA = +25°C, VS = +5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
Unidirectional, REF = GND
Bidirectional, REF > GND
Figure 13. Output Voltage Swing vs Output Current
Figure 14. Unidirectional Output Voltage Swing vs.
Temperature
Figure 15. Input Bias Current vs Common-Mode Voltage
Figure 16. Input Bias Current vs Common-Mode Voltage
(Supply Voltage = +5 V)
(Supply Voltage = 0 V, Shutdown)
VS = 5 V
VCM = 12 V
Figure 17. Input Bias Current vs Temperature
Figure 18. Quiescent Current vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA225


Similar Part No. - INA225AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225AQDGKRQ1 TI1-INA225AQDGKRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   High-Speed Current-Shunt Monitor
More results

Similar Description - INA225AIDGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
ON Semiconductor
NCS210 ONSEMI-NCS210_16 Datasheet
86Kb / 6P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
October, 2016 ??Rev. 6
NCS210 ONSEMI-NCS210 Datasheet
74Kb / 5P
   Current-Shunt Monitor Voltage Output Bi-Directional Zero-Drift
October, 2015 ??Rev. 0
NCS199 ONSEMI-NCS199 Datasheet
72Kb / 5P
   Current-Shunt Monitor, Voltage Output Bi-Directional Zero-Drift
July, 2016 ??Rev. 1
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
logo
Analog Devices
AD8219 AD-AD8219 Datasheet
288Kb / 16P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. 0
AD8219BRMZ AD-AD8219BRMZ Datasheet
339Kb / 12P
   Zero Drift, Unidirectional Current Shunt Monitor
REV. A
logo
Texas Instruments
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
[Old version datasheet]   INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com