Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX750A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX750A
Description  Adjustable, Step-Down, Current-Mode PWM Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX750A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX750A Datasheet HTML 1Page - Maxim Integrated Products MAX750A Datasheet HTML 2Page - Maxim Integrated Products MAX750A Datasheet HTML 3Page - Maxim Integrated Products MAX750A Datasheet HTML 4Page - Maxim Integrated Products MAX750A Datasheet HTML 5Page - Maxim Integrated Products MAX750A Datasheet HTML 6Page - Maxim Integrated Products MAX750A Datasheet HTML 7Page - Maxim Integrated Products MAX750A Datasheet HTML 8Page - Maxim Integrated Products MAX750A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Adjustable, Step-Down,
Current-Mode PWM Regulators
4
_______________________________________________________________________________________
0
0
MAX758A
PEAK INDUCTOR CURRENT
vs. OUTPUT CURRENT
200
1000
OUTPUT CURRENT (mA)
600
400
800
100 200 300 400 500 600 700 800
V+ = 6.6V
V+ 8.0V TO 16.0V
L1 = 100µH
C4 = 300µF
0
0
MAX758A
PEAK INDUCTOR CURRENT
vs. OUTPUT CURRENT
100
500
OUTPUT CURRENT (mA)
300
200
400
100
150
200
250
300
L1 = 18µH
C4 = 1000µF
600
700
50
V+ = 10.2V
V+ = 8.0V
V+ = 6.6V
V+ = 6.0V
150
4
OSCILLATOR FREQUENCY
vs. SUPPLY VOLTAGE
160
200
SUPPLY VOLTAGE (V)
180
170
190
810
12
14
16
210
220
6
MAX750A
MAX758A
(NOTE 3)
0
0
MAX758A
NO-LOAD SUPPLY CURRENT vs. SUPPLY VOLTAGE
0.5
2.5
SUPPLY VOLTAGE (V)
1.5
1.0
2.0
4
6
8
10
14
3.0
2
12
16
UNDERVOLTAGE
LOCKOUT V+ FALLING
(OPERATION ENDS)
UNDERVOLTAGE
LOCKOUT V+ RISING
(OPERATION BEGINS)
(NOTES 3, 5)
2.0
0
-60
60
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
0.5
TEMPERATURE (°C)
-20
20
1.5
1.0
100
140
2.5
2.0
-40
0
40
80
120
MAX750A, V+ = 9.0V
MAX758A, V+ = 12.0V
(NOTES 4, 5)
8
0
-60
60
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
2
TEMPERATURE (°C)
-20
20
6
4
100
140
10
12
-40
0
40
80
120
14
16
18
20
MAX758A ONLY, V+ = 16V
MAX758A ONLY, V+ = 12V
V+ = 9V
V+ = 6V
(NOTES 4, 5)
_____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 3, VOUT = 5V, TA = +25°C, unless otherwise noted.)
TEMPERATURE (°C)
MAX750A
OSCILLATOR FREQUENCY vs. TEMPERATURE
-60
20 40
80
120
-40 -20
0
60
100
140
240
200
180
160
220
0
140
V+ = 9.0V
V+ = 7.0V
(NOTE 4)
V+ = 5.5V
V+ = 11.0V
200
180
170
160
TEMPERATURE (°C)
MAX758A
OSCILLATOR FREQUENCY vs. TEMPERATURE
190
140
-60
20
40
80
120
-40 -20
0
60
100
140
150
130
120
V+ = 6.0V
V+ = 16.0V
V+ = 12.0V
V+ = 9.0V
(NOTE 4)


Similar Part No. - MAX750A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500-MAX7502 MAXIM-MAX7500-MAX7502 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results

Similar Description - MAX750A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
   Adjustable inverting negative output current mode PWM regulators
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
logo
Maxim Integrated Produc...
MAX732 MAXIM-MAX732 Datasheet
452Kb / 12P
   12V/15V Step-Up Current-Mode Pwm Regulators
19-3966; Rev 2; 3/96
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Maxim Integrated Produc...
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
   -5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
   Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com