Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX750A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX750A
Description  Adjustable, Step-Down, Current-Mode PWM Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX750A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX750A Datasheet HTML 1Page - Maxim Integrated Products MAX750A Datasheet HTML 2Page - Maxim Integrated Products MAX750A Datasheet HTML 3Page - Maxim Integrated Products MAX750A Datasheet HTML 4Page - Maxim Integrated Products MAX750A Datasheet HTML 5Page - Maxim Integrated Products MAX750A Datasheet HTML 6Page - Maxim Integrated Products MAX750A Datasheet HTML 7Page - Maxim Integrated Products MAX750A Datasheet HTML 8Page - Maxim Integrated Products MAX750A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Adjustable, Step-Down,
Current-Mode PWM Regulators
_______________________________________________________________________________________
3
Note 1: Output voltage tolerance over temperature is ±4.5% plus the tolerances of R3 and R4 in Figure 3.
Note 2: The standby current typically settles to 25µA (over temperature) within 2 seconds; however, to decrease test time, the part
is guaranteed at a 100µA maximum value.
PARAMETER
MAX758A
MIN
TYP
MAX
MAX750A
MIN
TYP
MAX
UNITS
3.75
4.00
3.5
0.5
1.0
1.15
1.22
1.30
50
130
160
190
7500
3.75
4.00
Undervoltage
Lockout
3.5
V
LX On Resistance
0.5
LX Leakage Current
1.0
µA
Reference Voltage
1.15
1.22
1.30
V
Reference Drift
50
ppm/°C
Oscillator Frequency
kHz
Compensation Pin
Impedance
7500
CONDITIONS
V+ rising
V+ falling
ILX = 500mA
TA = +25°C
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 3, V+ = 9V for the MAX750A, V+ = 12V for the MAX758A, VOUT = 5V, R2 = 40.20kΩ, R3 = 13.0kΩ, ILOAD = 0mA,
TA = TMIN to TMAX, unless otherwise noted.)
__________________________________________Typical Operating Characteristics
(Circuit of Figure 3, VOUT = 5V, TA = +25°C, unless otherwise noted.)
100
60
0
600
MAX750A
EFFICIENCY vs. OUTPUT CURRENT
70
OUTPUT CURRENT (mA)
200
400
90
80
800
1000
V+ = 5.5V
V+ = 7V
V+ = 9V
V+ = 11V
(NOTES 3, 6)
100
60
0
600
MAX758A
EFFICIENCY vs. OUTPUT CURRENT
70
OUTPUT CURRENT (mA)
200
400
90
80
800
1000
V+ = 6V
V+ = 8V
V+ = 12V
V+ = 16V
(NOTES 3, 6)
130
170
210


Similar Part No. - MAX750A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7500 MAXIM-MAX7500 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500-MAX7502 MAXIM-MAX7500-MAX7502 Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500EVKIT MAXIM-MAX7500EVKIT Datasheet
345Kb / 12P
   MAX7500 Evaluation Kit
Rev 0; 4/09
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
Rev 1; 10/04
MAX7500MSA MAXIM-MAX7500MSA Datasheet
1Mb / 13P
   Digital Temperature Sensors and Thermal Watchdog with Bus Lockup Protection
2016
More results

Similar Description - MAX750A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
   Adjustable step-down, current-mode PWM DC-DC converters
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
   ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
January 2003
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
   Adjustable inverting negative output current mode PWM regulators
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
   ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
September 1998
logo
Maxim Integrated Produc...
MAX732 MAXIM-MAX732 Datasheet
452Kb / 12P
   12V/15V Step-Up Current-Mode Pwm Regulators
19-3966; Rev 2; 3/96
logo
List of Unclassifed Man...
ZA3020 ETC-ZA3020 Datasheet
134Kb / 10P
   2A STEP DOWN PWM SWITCH MODE DC DC REGULATORS
logo
Maxim Integrated Produc...
MAX830 MAXIM-MAX830 Datasheet
43Kb / 5P
   5V/3.3V/3V/Adjustable-Output, 1A, Step-Down, PWM, Switch-Mode DC-DC Regulators
Rev 2; 6/95
MAX735 MAXIM-MAX735 Datasheet
311Kb / 8P
   -5V/Adjustable, Negative-Output,Inverting, Current-mode PWM Regulators
19-0017; Rev 1; 9/92
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
   Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com