Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX746EPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX746EPE
Description  High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX746EPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX746EPE Datasheet HTML 3Page - Maxim Integrated Products MAX746EPE Datasheet HTML 4Page - Maxim Integrated Products MAX746EPE Datasheet HTML 5Page - Maxim Integrated Products MAX746EPE Datasheet HTML 6Page - Maxim Integrated Products MAX746EPE Datasheet HTML 7Page - Maxim Integrated Products MAX746EPE Datasheet HTML 8Page - Maxim Integrated Products MAX746EPE Datasheet HTML 9Page - Maxim Integrated Products MAX746EPE Datasheet HTML 10Page - Maxim Integrated Products MAX746EPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
High-Efficiency, PWM, Step-Down,
N-Channel DC-DC Controller
_______________________________________________________________________________________
7
Discontinuous-/Continuous-
Conduction Modes
The MAX746 is designed to operate in continuous-con-
duction mode (CCM) but can also operate in discontinu-
ous-conduction mode (DCM), making it ideal for variable-
load applications. In DCM, the current starts at zero and
returns to zero on each cycle. In CCM, the inductor current
never returns to zero; it consists of a small AC component
superimposed on a DC offset. This results in higher current
capability because the AC component in the inductor cur-
rent waveform is small. It also results in lower output noise,
since the inductor does not exhibit the ringing that would
occur if the current reached zero (see inductor waveforms
in the
Typical Operating Characteristics). To transfer equal
amounts of energy to the load in one cycle, the peak cur-
rent level for the discontinuous waveform must be much
larger than the peak current for the continuous waveform.
Slope Compensation
Slope compensation stabilizes the inner current-feedback
loop by adding a ramp signal to the current-sense amplifier
output. Ideal slope compensation can be achieved by
adding a linear ramp, with the same slope as the declining
inductor current, to the rising inductor current-sense voltage.
Under these conditions, the inductor must be scaled to the
current-sense resistor value.
Overcompensation adds a pole to the outer voltage feed-
back-loop response, degrading loop stability. This may cause
voltage-mode pulse-frequency-modulation instead of PWM
operation. Undercompensation results in inner current feed-
back-loop instability, and may cause the inductor current to
staircase. Ideal matching between the sense resistor and
inductor is not required; it can differ by ±30% or more.
Oscillator and EXT Control
The oscillator frequency is nominally 100kHz, and the duty
cycle varies from 5% to 96%, depending on the input/out-
put voltage ratio. EXT, which provides the gate drive for the
external logic-level N-FET, is switched between HIGH and
GND at the switching frequency. EXT is controlled by a
unique two-comparator control scheme consisting of a PWM
comparator and an idle-mode comparator (Figure 2). The
PWM comparator determines the cycle-by-cycle peak cur-
rent with heavy loads, and the idle-mode comparator sets
the light-load peak current. As VOUT begins to drop, EXT
goes high and remains high until both comparators trip.
With heavy loads, the idle-mode comparator trips first and
the PWM control comparator determines the EXT on-time;
2
3
4
6
5
11
LBI
SS
REF
FB
SHDN
AGND
V+
CP
HIGH
AV+
CS
EXT
CC
OUT
LB0
VIN
6V TO 15V
GND
C6
1.0
µF
D2
1N914
*
C8
0.1
µF
D4
1N5817
D3
1N914
*
D1
NSQ03A03
5V
AT 3A
L1
39
µH
C1
430
µF
N
C9
4.7
µF
14
13
8
10
12
7
9
1
R2
R1
RSENSE
40m
R3
100k
C7
2.7nF
C4
0.1
µF
C2
100
µF
C3
0.1
µF
C5
0.1
µF
Q1
Si9410DY
15
16
* SEE TABLE 2 FOR DIODE SELECTION.
MAX746
Figure 1a. 5V Standard Application Circuit (15W)


Similar Part No. - MAX746EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7461 MAXIM-MAX7461 Datasheet
490Kb / 7P
   Loss-of-Sync Alarm
Rev 0; 5/06
MAX7461EUK MAXIM-MAX7461EUK Datasheet
490Kb / 7P
   Loss-of-Sync Alarm
Rev 0; 5/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462USA MAXIM-MAX7462USA Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462UUA MAXIM-MAX7462UUA Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
More results

Similar Description - MAX746EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
   High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com