Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX747EPD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX747EPD
Description  High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX747EPD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX747EPD Datasheet HTML 4Page - Maxim Integrated Products MAX747EPD Datasheet HTML 5Page - Maxim Integrated Products MAX747EPD Datasheet HTML 6Page - Maxim Integrated Products MAX747EPD Datasheet HTML 7Page - Maxim Integrated Products MAX747EPD Datasheet HTML 8Page - Maxim Integrated Products MAX747EPD Datasheet HTML 9Page - Maxim Integrated Products MAX747EPD Datasheet HTML 10Page - Maxim Integrated Products MAX747EPD Datasheet HTML 11Page - Maxim Integrated Products MAX747EPD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
With decreasing loads, as the inductor current becomes
discontinuous, traditional PWM converters continue to
switch at a fixed frequency, decreasing light-load efficiency.
However, the MAX747’s idle-mode comparator increases
the peak inductor current, allowing more energy to be
transferred per cycle. Since fewer cycles are required, the
switching frequency is reduced. This keeps the external P-
FET off for longer periods, minimizing switching losses and
increasing efficiency.
The light-load output noise spectrum widens due to variable
switching frequency in idle-mode, but output ripple remains
low. Using the
Typical Operating Circuit, with a 9V input and
a 125mA load current, output ripple is less than 40mV.
Soft-Start and Current Limiting
The MAX747 draws its highest current at power-up. If The
power source to the MAX747 cannot provide this initial
elevated current, the circuit may not function correctly. For
example, after prolonged use, a battery’s increased series
resistance may prevent it from providing adequate initial
surge currents when the MAX747 is brought out of
shutdown. Using Soft-Start (SS) minimizes the possibility of
overloading the incoming supply at power-up by gradually
increasing the peak current limit. Connect an external
capacitor from SS to ground to reduce the initial peak
currents drawn from the supply.
The steady-state SS pin voltage is typically 3.8V. On
power-up, SS sources 1µA until the SS voltage reaches
3.8V. The current-limit comparator inhibits EXT switching
until the SS voltage reaches 1.8V. The maximum current
limit is set by:
Figure 3 shows how the peak current limit increases as
the voltage on SS rises for two RSENSE values.
Shutdown Mode
When SHDN is high, the MAX747 enters shutdown
mode. In this mode, the internal biasing circuitry
(including EXT) is turned off, VOUT drops to 0V, and the
supply current drops to 0.6µA (20µA max). This
excludes external component leakage, which may add
several microamps to the shutdown supply current for
the entire circuit. SHDN is a TTL/CMOS logic-level
input. Connect SHDN to GND for normal operation.
Low-Battery Detector
The MAX747 provides a low-battery comparator that
compares the voltage on LBI to the reference voltage.
LBO, an open-drain output, goes low when the LBI
voltage is below VREF. Use a resistor-divider network
as shown in Figure 4 to set the trip voltage (VTRIP) to
the desired level. In this circuit, LBO goes low when
V+
≤ V
TRIP. LBO is high impedance in shutdown mode.
__________________Design Procedure
Setting the Output Voltage
The MAX747’s output voltage can be set to 5V by
grounding FB, or adjusted from 2V to 14V using
external resistors R4 and R5, configured as shown in
Figure 5. Select feedback resistor R4 from the 10k
Ω to
1M
Ω range. R5 is given by:
Selecting RSENSE
First, approximate the peak current assuming IPK is
(1.1)(ILOAD), where ILOAD is the maximum load current.
Once all component values have been determined, the
actual peak current is given by:
Next, determine the value of RSENSE such that:
For example, to obtain 5V at 3A, IPK = 3.3A and RSENSE =
125mV/3.3A = 38m
Ω.
The sense resistor should have a power rating greater
than (IPK2)(RSENSE) (with an adequate safety margin).
With a 3A load current, IPK = 3.3A and RSENSE = 38mΩ.
The power dissipated by the resistor (assuming an 80%
R
V
I
125mV
I
SENSE
LIMIT (MIN)
PK
PK
==
I
I
V
(2L) (f
)
1
V
V
PK
LOAD
OUT
OSC
OUT
IN
=+


R5
(R4)
V
2V
1
OUT
=−
I
V
R
150mV (typ)
R
PK
LIMIT
SENSE
SENSE
==
High-Efficiency PWM, Step-Down
P-Channel DC-DC Controller
8
_______________________________________________________________________________________
0
SOFT-START VOLTAGE (V)
4
2
1
13
3
2
0
RSENSE = 50mΩ
RSENSE = 100mΩ
V+ –VCS = 150mV
Figure 3. Peak Current Limit vs. Soft-Start Voltage


Similar Part No. - MAX747EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7470 MAXIM-MAX7470 Datasheet
803Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
MAX7470UTP MAXIM-MAX7470UTP Datasheet
289Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
19-0548; Rev 1; 4/07
MAX7470UTP++ MAXIM-MAX7470UTP+ Datasheet
803Kb / 17P
   HDTV Continuously Variable Anti-Aliasing Filters
Rev 0; 5/06
logo
Minilogic Device Corpor...
MAX7472 MINILOGIC-MAX7472 Datasheet
277Kb / 19P
   HDTV Anti-Aliasing Filters with Triple-Input Mux
MAX7472UTI++ MINILOGIC-MAX7472UTI+ Datasheet
277Kb / 19P
   HDTV Anti-Aliasing Filters with Triple-Input Mux
More results

Similar Description - MAX747EPD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX746 MAXIM-MAX746 Datasheet
157Kb / 16P
   High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
19-0192; Rev 1; 11/93
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com