Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX746ESE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX746ESE
Description  High-Efficiency, PWM, Step-Down, N-Channel DC-DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX746ESE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX746ESE Datasheet HTML 1Page - Maxim Integrated Products MAX746ESE Datasheet HTML 2Page - Maxim Integrated Products MAX746ESE Datasheet HTML 3Page - Maxim Integrated Products MAX746ESE Datasheet HTML 4Page - Maxim Integrated Products MAX746ESE Datasheet HTML 5Page - Maxim Integrated Products MAX746ESE Datasheet HTML 6Page - Maxim Integrated Products MAX746ESE Datasheet HTML 7Page - Maxim Integrated Products MAX746ESE Datasheet HTML 8Page - Maxim Integrated Products MAX746ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
High-Efficiency, PWM, Step-Down,
N-Channel DC-DC Controller
_______________________________________________________________________________________
5
A: LOAD CURRENT, 0.1A TO 1.5A, 1A/div
B: VOUT RIPPLE, 50mV/div, AC-COUPLED
V+ = 10V
LOAD-TRANSIENT RESPONSE
A
B
200
µs/div
A: EXT VOLTAGE, 10V/div
B: INDUCTOR CURRENT, 500mA/div
C: VOUT RIPPLE, 50mV/div, AC-COUPLED
V+ = 6V, IOUT = 480mA
A
B
MODERATE-LOAD, IDLE-MODE
WAVEFORMS
20
µs/div
C
A: LOAD CURRENT, 0.1A TO 1.5A, 1A/div
B: VOUT RIPPLE, 50mV/div, AC COUPLED
V+ = 10V
LOAD-TRANSIENT RESPONSE
A
B
1ms/div
A : EXT VOLTAGE, 20V/div
B : INDUCTOR CURRENT 1A/div
C : VOUT RIPPLE, 50mV/div
V+ = 10V, IOUT = 3A
CONTINUOUS-CONDUCTION MODE
WAVEFORMS
A
B
C
5
µs/div
0V
8V
A: V+ = 8V TO 10V, 2V/div
B: VOUT RIPPLE, 100mV/div
IOUT = 3A
LINE-TRANSIENT RESPONSE
A
B
10V
500ms/div
A: EXT VOLTAGE, 10V/div
B: INDUCTOR CURRENT, 500mA/div
C: VOUT RIPPLE, 50mV/div, AC-COUPLED
V+ = 10V, IOUT = 75mA
DISCONTINUOUS-CONDUCTION
IDLE-MODE WAVEFORMS
A
B
20
µs/div
C
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 1a, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX746ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7461 MAXIM-MAX7461 Datasheet
490Kb / 7P
   Loss-of-Sync Alarm
Rev 0; 5/06
MAX7461EUK MAXIM-MAX7461EUK Datasheet
490Kb / 7P
   Loss-of-Sync Alarm
Rev 0; 5/06
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462USA MAXIM-MAX7462USA Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
MAX7462UUA MAXIM-MAX7462UUA Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
More results

Similar Description - MAX746ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX747 MAXIM-MAX747 Datasheet
136Kb / 12P
   High-Efficiency PWM, Step-Down P-Channel DC-DC Controller
19-0171; Rev 1; 9/93
logo
List of Unclassifed Man...
SS6578 ETC-SS6578 Datasheet
221Kb / 11P
   HIGH EFFICIENCY STEP DOWN DC/DC CONTROLLER
logo
Silicon Standard Corp.
SS6578 SSC-SS6578 Datasheet
226Kb / 11P
   High-Efficiency, Step-Down DC/DC Controller
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_18 Datasheet
123Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
UC4601 UTC-UC4601_15 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
logo
Cypress Semiconductor
MB39C502 CYPRESS-MB39C502 Datasheet
1Mb / 46P
   High Efficiency Step Down DC/DC Controller Datasheet
logo
Power Analog Micoelectr...
PAM2308 PAM-PAM2308 Datasheet
408Kb / 15P
   Dual High-Efficiency PWM Step-Down DC-DC Coverter
logo
ELM Technology Corporat...
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com