Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX749 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX749
Description  Digitally Adjustable LCD Bias Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX749 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX749 Datasheet HTML 3Page - Maxim Integrated Products MAX749 Datasheet HTML 4Page - Maxim Integrated Products MAX749 Datasheet HTML 5Page - Maxim Integrated Products MAX749 Datasheet HTML 6Page - Maxim Integrated Products MAX749 Datasheet HTML 7Page - Maxim Integrated Products MAX749 Datasheet HTML 8Page - Maxim Integrated Products MAX749 Datasheet HTML 9Page - Maxim Integrated Products MAX749 Datasheet HTML 10Page - Maxim Integrated Products MAX749 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Figure 4. Count-Up Operation
Figure 5. Reset Sequence without Shutdown. The device is not
shut down during reset.
Figure 6. Reset Sequence with Shutdown
In Figure 3, the MAX749 is reset when it is taken out of
shutdown, which sets the output at mid-scale. Figure 4
shows how to increment the counter. Figure 5 illustrates
a reset without shutting the device down.
Figure 7 provides an example of a sequence of opera-
tions: Starting from shutdown, the device is turned on,
incremented, reset to mid-scale without being shut
down, incremented again, and finally shut down.
Shutdown Mode
When CTRL and ADJ are both low, the MAX749 is shut
down (Table 1): The internal reference and biasing cir-
cuitry turn off, the output voltage drops to zero, and the
supply current drops to 15µA. The MAX749 retains its
DAC setting, simplifying software control.
Reset Mode
If ADJ is high when CTRL is low, the DAC set point is
reset to mid-scale and the MAX749 is not shut down.
Mid-scale is 32 steps from the minimum, 31 steps from
the maximum.
Design Procedure
_________and Component Selection
Setting the Output Voltage
The MAX749’s output voltage is set using an external
resistor and the internal current-output DAC. The full-
scale output voltage is set by selecting the feedback
resistor RFB according to the formula:
-VOUT(MAX) = RFB x 20µA (Figure 1).
The device is in regulation when VFB = 0V.
DAC Adjustment
On power-up or after a reset, the counter sets the DAC
output to mid-range, and -VOUT = RFB x 13.33µA. Each
rising edge of ADJ increments the counter (and there-
fore the DAC output) in the direction of -VOUT(MAX) by
one count. When incremented beyond -VOUT(MAX), the
Digitally Adjustable LCD Bias Supply
_______________________________________________________________________________________
7
Figure 3. Shutdown-Reset-On-Shutdown Sequence of Operation.
The device is not shut down during reset.
Figure 7. Control Sequence Example (see Output Voltage
Control section)
ADJ
CTRL
SHUTDOWN RESET
ON
SHUTDOWN
tR
tSD
ADJ
CTRL
HIGH
tSH
tSL
ADJ
CTRL
ON
RESET
ON
tRS
tRH
tR
ADJ
CTRL
SHUTDOWN
RESET
ON
SHUTDOWN
INCREMENT
INCREMENT
ADJ
CTRL
SHUTDOWN
RESET
ON
tRH
tR


Similar Part No. - MAX749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7490 MAXIM-MAX7490 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490 MAXIM-MAX7490 Datasheet
360Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
MAX7490-MAX7491 MAXIM-MAX7490-MAX7491 Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE MAXIM-MAX7490CEE Datasheet
343Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 0; 7/00
MAX7490CEE++ MAXIM-MAX7490CEE+ Datasheet
360Kb / 18P
   Dual Universal Switched-Capacitor Filters
Rev 1; 4/09
More results

Similar Description - MAX749

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1620 MAXIM-MAX1620 Datasheet
253Kb / 20P
   Digitally Adjustable LCD Bias Supplies
19-1214; Rev 1; 1/98
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
[Old version datasheet]   DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
[Old version datasheet]   LCD Bias Supply
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
   Integrated LCD Bias Power Supply
logo
Maxim Integrated Produc...
MAX1932 MAXIM-MAX1932 Datasheet
399Kb / 16P
   Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
Rev 1; 12/02
MAX1605 MAXIM-MAX1605_V01 Datasheet
1Mb / 10P
   30V Internal Switch LCD Bias Supply
2018
MAX1605 MAXIM-MAX1605 Datasheet
347Kb / 12P
   30V Internal Switch LCD Bias Supply
19-1666; Rev 1; 10/03
logo
Linear Technology
LTC3524 LINER-LTC3524_15 Datasheet
266Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
LTC3524 LINER-LTC3524 Datasheet
260Kb / 16P
   Adjustable TFT Bias Supply with WLED Driver
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
   Digitally adjustable gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com